Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF100CIWMX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMF100CIWMX/NOPB
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWMX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMF100CIWMX/NOPB Datasheet HTML 5Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 6Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 7Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 8Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 9Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 10Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 11Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 12Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Logic Input Characteristics (continued)
All limits apply to TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
1.5
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
1.5
V
V
+ = +2.5 V, V− = −2.5 V,
Design Limit
(2)
TMIN to TMAX
1.5
−1.5
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
−1.5
V
Design Limit
(2)
TMIN to TMAX
−1.5
CMOS Clock
Input Voltage
4
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
4
V
V
+ = +5 V, V− = 0 V,
Design Limit
(2)
TMIN to TMAX
4
1
Tested Limit
(1)
MAX Logical “0”
VLSh = +2.5 V
TMIN to TMAX
1
V
Design Limit
(2)
TMIN to TMAX
1
2
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
2
V
V
+ = +5 V, V− = 0 V,
Design Limit
(2)
TMIN to TMAX
2
TTL Clock
Input Voltage
0.8
Tested Limit
(1)
MAX Logical “0”
TMIN to TMAX
0.8
V
VLSh = 0 V, VD
+ = 0 V
Design Limit
(2)
TMIN to TMAX
0.8
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com