Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0366 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0366
Description  3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0366 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 4Page - Texas Instruments LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments LMH0366 Datasheet HTML 11Page - Texas Instruments LMH0366 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
A6 A5 A4 A3 A2 A1 A0
1
tSSH tSSOF
SS
(host)
SCK
(host)
MOSI
(host)
MISO
(device)
Hi-Z
tSSSU
tSU
tH
tPH
tPL
tOD
A6 A5 A4 A3 A2 A1
1
A0 D7 D6 D5 D4
D2 D1 D0
D3
tSSH tSSOF
tSSSU
³8x1´
³16x1´
'21¶7 &$5(
tOZD
tODZ
1
tOZD
Hi-Z
Hi-Z
tODZ
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
tSSSU
tSU
tH
tPH
tPL
tSSH
tSSOF
SS
(host)
SCK
(host)
MOSI
(host)
MISO
(device)
Hi-Z
'21¶7 &$5(
tOZD
tODZ
Hi-Z
20%
80%
VOD-
VOD+
VOS
VSSP-P = (VOD+) ± (VOD-)
0V differential
tr
+ VOD
20%
80%
tf
VSSP-P
- VOD
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Timing Diagrams
Figure 3. LVDS Output Voltage, Offset, and Timing Parameters
Figure 4. SPI Write
Figure 5. SPI Read
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com