Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4IOE5V9521 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9521
Description  interrupt and reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9521 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4IOE5V9521 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2-bit I
2C-bus and SMBus low power I/O port with interrupt and reset
2016-02-0002
PT0564-1
03/29/16
1
PI4IOE5V9521
Features
 Operation power supply voltage from 2.3V to 5.5V
 2-bit I2C-bus GPIO with interrupt and reset
 5V tolerant I/Os
 Active Low interrupt output
 Active Low reset input
 Polarity inversion register
 Low current consumption
 0Hz to 1MHz clock frequency
 Noise filter on SCL/SDA inputs
 Power-on reset
 ESD protection (4KV HBM and 1KV CDM)
 Package offered :UQFN 1.6x1.6-8
Pin Configuration
Description
The PI4IOE5V9521 provides 2 bits of General
Purpose parallel Input/Output (GPIO) expansion for
I
2C-bus/ SMBus applications. It includes the features
such as higher driving capability, 5V tolerance, lower
power supply, individual I/O configuration, and
smaller packaging. It provides a simple solution when
additional I/O is needed for ACPI power switches,
sensors, push buttons, LEDs, fans, etc.
The
PI4IOE5V9521
consists
of
a
2-bit
configuration register to configure the I/Os as either
inputs or outputs, and a 2-bit polarity register to change
the polarity of the input port register data. The data for
each input or output is kept in the corresponding Input
port or Output port register. All registers can be read
by the system master.
The PI4IOE5V9521 open-drain interrupt output
(INT) is activated when any input state is differed from
its corresponding Input Port register and is used to
indicate the system master that an input state has
changed.
The power-on reset sets the registers to their
default values and initializes the device state machine.
The
Reset
pin
(Reset)
causes
the
same
reset/initialization to occur without de-powering the
device.
Figure 1. UQFN 1.6 x 1.6-8


Similar Part No. - PI4IOE5V9521

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
interrupt and reset
PI4IOE5V9522UE PERICOM-PI4IOE5V9522UE Datasheet
469Kb / 13P
interrupt and reset
PI4IOE5V9522UEX PERICOM-PI4IOE5V9522UEX Datasheet
469Kb / 13P
interrupt and reset
More results

Similar Description - PI4IOE5V9521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
Interrupt Logic and Reset Functions
logo
Pericom Semiconductor C...
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
interrupt and reset
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
interrupt and reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com