Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4MSD5V9543B Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9543B
Description  2 Channel I2C bus switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9543B Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI4MSD5V9543B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4MSD5V9543B Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0038
PT0535-4
8/18/15
8
PI4MSD5V9543B
2 Channel I2C bus switch
with Interrupt Logic and Reset
Interrupt handling
The PI4MSD5V9543B provides 2 interrupt inputs, one for each channel, and one open-drain interrupt output.
When an interrupt is generated by any device, it will be detected by the PI4MSD5V9543B and the interrupt output will
be driven LOW. The channel need not be active for detection of the interrupt. A bit is also set in the control register.
Bit 4 and bit 5 of the control register corresponds to the INT0 and INT1 inputs of the PI4MSD5V9543B,
respectively. Therefore, if an interrupt is generated by any device connected to channel 1, the state of the interrupt
inputs is loaded into the control register when a read is accomplished. Likewise, an interrupt on any device connected
to channel 0 would cause bit 4 of the control register to be set on the read. The master can then address the
PI4MSD5V9543B and read the contents of the control register to determine which channel contains the device
generating the interrupt. The master can then reconfigure the PI4MSD5V9543B to select this channel, and locate the
device generating the interrupt and clear it.
It should be noted that more than one device can provide an interrupt on a channel, so it is up to the master to
ensure that all devices on a channel are interrogated for an interrupt.The interrupt inputs may be used as general-
purpose inputs if the interrupt function is not required.
If unused, interrupt inputs must be connected to VCC through a pull-up resistor.
D7
D6
INT1
INT0
D3
D2
B1
B0
Command
0
0
X
0
X
X
X
X
no interrupt on channel 0
1
interrupt on channel 0
0
0
0
X
X
X
X
X
no interrupt on channel 1
1
interrupt on channel 1
Control register read — interrupt
The Reset Pin
The RESET input is an active LOW signal which may be used to recover from a bus fault condition. By asserting
this signal LOW for a minimum of tw(rst)L, the PI4MSD5V9543B will reset its registers and I2C-bus state machine
and will deselect all channels. The RESET input must be connected to VCC through a pull-up resistor.
Power-on reset
When power is applied to VCC, an internal Power-On Reset (POR) holds the PI4MSD5V9543B in a reset
condition until VCC has reached VPOR. At this point, the reset condition is released and the PI4MSD5V9543B
registers and I2C-bus state machine are initialized to their default states (all zeroes), causing all the channels to be
deselected. Thereafter, VCC must be lowered below 0.2 V for at least 5 us in order to reset the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com