Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE100-DFXM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TE100-DFXM
Description  24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TE100-DFXM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TE100-DFXM Datasheet HTML 1Page - List of Unclassifed Manufacturers TE100-DFXM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
To Order Please Call:
1-888-326-6061
TE100-DM24: 24-port 10/100Mbps dual speed
SNMP stackable Master hub
TE100-DS24: 24-port 10/100Mbps dual speed
stackable hub
TE100-DSM: 10/100Mbps switch slide-in
module
TE100-DFXM: Switch 100Base-FX slide-in
module
TE100-DTXM: Switch 100Base-TX slide-in
module
NETWORKING SOLUTIONS
SPECIFICATIONS
Standards:
• IEEE 802.3µ 100Base-TX/100Base-FX,
and IEEE 802.3 10Base-T
Protocol:
• CSMA/CD
Speed:
• 10Mbps for 10Base-T
• 100Mbps for 100Base-TX
Cabling:
• CAT 3, 4, 5 UTP/STP for 10Base-T
• CAT 5 UTP/STP for 100Base-FX 62.5/125
micron multi mode SC fiber (2km)
Daisy-Chain Port:
• SCSI 50 pin x 2
Console Port:
• DB-9 (9 pin) DCE RS-232 x 1
Power:
• Internal Power Supply, (100 - 240V, 50/60Hz)
LED’s:
• Per Hub: Power, Collision (10, 100) Slot 1 or 2,
Hub ID, Bandwidth Utilization %,
Console and SNMP
• Per Port: Link/Rx, Auto Partition,
Disable, Port Speed (10Mbps, 100Mbps)
Dimensions:
• 441 x 237 x 55 mm
17.36" x 9.33" x 2.17" (L x W x H)
Weight:
• 3.87 kg / 8.53 lb.
Temperature:
• Operating: -10° to 55° C / 14° to 131°F
• Storage: -25° to 80° C / -13° to 176°F
Humidity:
• 5% to 95% (non-condensing)
Certification:
• FCC, UL, VCCI, CSA, C-tick, TUV, CE
TE100-DM24
24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
TE100-DM24
24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
®
UL
R
TRENDnet is a registered treademark of TRENDware International, Inc. Other Brands and product names are trademarks of their respective holders. Information provided in this
document pertain to TRENDware products and is subject to change at any time, without notice. For the most recent product information please visit ____________________
http://www.TRENDNET.com.
©
Copyright
TRENDware International, Inc. 2004. All Rights Reserved.
TRENDware International, Inc.
3135 Kashiwa Street
Torrance, CA. 90505. USA
Tel: 310-891-1100
Fax: 310-891-1111
Web:
Email: sales@trendware.com
www.trendnet.com
ORDERING INFORMATION
TRENDnet
TRENDware, USA
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com