Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR10D48MNNP-180NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR10D48MNNP-180NC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR10D48MNNP-180NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR10D48MNNP-180NC Datasheet HTML 1Page - Sumida Corporation CDR10D48MNNP-180NC Datasheet HTML 2Page - Sumida Corporation CDR10D48MNNP-180NC Datasheet HTML 3Page - Sumida Corporation CDR10D48MNNP-180NC Datasheet HTML 4Page - Sumida Corporation CDR10D48MNNP-180NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR10D48MN
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
1
1.0
1.3
1.6
312.5(250)
120
μH±25%
121
CDR10D48MNNP
-121NC
1.1
1.5
1.8
275.0(220)
100
μH±25%
101
CDR10D48MNNP
-101NC
1.3
1.6
2.0
220.0(175)
82
μH±25%
820
CDR10D48MNNP
-820NC
1.5
1.8
2.1
175.0(140)
68
μH±25%
680
CDR10D48MNNP
-680NC
1.6
2.0
2.4
150.0(120)
56
μH±25%
560
CDR10D48MNNP
-560NC
1.8
2.1
2.6
120.0(95.0)
47
μH±25%
470
CDR10D48MNNP
-470NC
1.9
2.4
3.0
105.0(85.0)
39
μH±25%
390
CDR10D48MNNP
-390NC
2.1
2.5
3.1
90.0(70.0)
33
μH±25%
330
CDR10D48MNNP
-330NC
2.7
2.9
3.6
63.0(50.0)
27
μH±25%
270
CDR10D48MNNP
-270NC
2.8
3.2
4.0
56.0(45.0)
22
μH±25%
220
CDR10D48MNNP
-220NC
3.2
3.4
4.1
50.0(40.0)
18
μH±25%
180
CDR10D48MNNP
-180NC
3.4
3.6
4.5
46.0(37.0)
15
μH±25%
150
CDR10D48MNNP
-150NC
3.6
4.1
4.9
42.5(34.0)
12
μH±25%
120
CDR10D48MNNP
-120NC
4.3
4.4
5.5
40.0(32.0)
10
μH±25%
100
CDR10D48MNNP
-100NC
4.8
5.1
6.3
28.8(23.0)
8.5
μH±25%
8R5
CDR10D48MNNP
-8R5NC
5.7
5.7
7.1
22.5(18.0)
6.6
μH±25%
6R6
CDR10D48MNNP
-6R6NC
6.8
6.5
8.0
16.9(13.5)
5.0
μH±25%
5R0
CDR10D48MNNP
-5R0NC
8.2
7.7
9.4
15.0(12.0)
3.6
μH±25%
3R6
CDR10D48MNNP
-3R6NC
9.6
9.2
11.5
12.5(10.0)
2.4
μH±25%
2R4
CDR10D48MNNP
-2R4NC
(at105
℃)
(at20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
SATURATION CURRENT
( A )
※2
D.C.R. (m
Ω)
MAX.. (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NAME



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com