Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575CDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDB
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDB Datasheet(HTML) 1 Page - Texas Instruments

  PCF8575CDB Datasheet HTML 1Page - Texas Instruments PCF8575CDB Datasheet HTML 2Page - Texas Instruments PCF8575CDB Datasheet HTML 3Page - Texas Instruments PCF8575CDB Datasheet HTML 4Page - Texas Instruments PCF8575CDB Datasheet HTML 5Page - Texas Instruments PCF8575CDB Datasheet HTML 6Page - Texas Instruments PCF8575CDB Datasheet HTML 7Page - Texas Instruments PCF8575CDB Datasheet HTML 8Page - Texas Instruments PCF8575CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PCF8575C
I2C or SMBus Master
(e.g. Processor)
Peripheral Devices
RESET, ENABLE,
or control inputs
INT or status
outputs
LEDs
SDA
SCL
INT
A0
A1
A2
GND
VCC
P00
P01
P02
P03
P04
P05
P06
P07
Peripheral Devices
RESET, ENABLE,
or control inputs
INT or status
outputs
LEDs
P10
P11
P12
P13
P14
P15
P16
P17
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCF8575C
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
PCF8575C Remote 16-Bit I2C AND SMBus Low-Power I/O Expander
with Interrupt Output
1 Features
3 Description
This 16-bit I/O expander for the two-line bidirectional
1
•
I2C to Parallel-Port Expander
bus (I2C) is designed for 4.5-V to 5.5-V VCC
•
Open-Drain Interrupt Output
operation.
•
Low Standby-Current Consumption of
The PCF8575C provides general-purpose remote I/O
10
μA Maximum
expansion for most microcontroller families via the I2C
•
Compatible With Most Microcontrollers
interface serial clock (SCL) and serial data (SDA).
•
400-kHz Fast I2C Bus
The
device
features
a
16-bit
quasi-bidirectional
•
Address by Three Hardware Address Pins for Use
input/output (I/O) port (P07–P00, P17–P10), including
of up to Eight Devices
latched outputs with high-current drive capability for
directly driving LEDs. Each quasi-bidirectional I/O can
•
Latched Outputs With High-Current Drive
be used as an input or output without the use of a
Capability for Directly Driving LEDs
data-direction control signal. At power on, the I/Os
•
Latch-Up Performance Exceeds 100 mA Per
are in 3-state mode. The strong pullup to VCC allows
JESD 78, Class II
fast-rising edges into heavily loaded outputs. This
•
ESD Protection Exceeds JESD 22
device turns on when an output is written high and is
switched off by the negative edge of SCL. The I/Os
–
2000-V Human-Body Model
should be high before being used as inputs. After
–
200-V Machine Model
power on, as all the I/Os are set to 3-state, all of them
–
1000-V Charged-Device Model
can be used as inputs. Any change in setting of the
I/Os as either inputs or outputs can be done with the
2 Applications
write mode. If a high is applied externally to an I/O
that has been written earlier to low, a large current
•
Telecom Shelters: Filter Units
(IOL) flows to GND.
•
Servers
Device Information(1)
•
Routers (Telecom Switching Equipment)
PART NUMBER
PACKAGE (PIN)
BODY SIZE
•
Personal Computers
SSOP (24)
8.20 mm × 5.30 mm
•
Personal Electronics
QSOP (24)
8.65 mm × 3.90
•
Industrial Automation
TVSOP (24)
5.00 mm × 4.50 mm
•
Products with GPIO-Limited Processors
PCF8575C
SOIC (24)
15.40 mm × 7.50 mm
TSSOP (24)
7.80 mm × 4.40 mm
QFN (24)
4.0 mm × 4.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCF8575CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8575CDB TI-PCF8575CDB Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PCF8575CDBE4 TI-PCF8575CDBE4 Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PCF8575CDBQR TI-PCF8575CDBQR Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PCF8575CDBQRE4 TI-PCF8575CDBQRE4 Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PCF8575CDBQRG4 TI-PCF8575CDBQRG4 Datasheet
667Kb / 26P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
More results

Similar Description - PCF8575CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
SMBus low power I/O port
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
SMBus I/O Expander With Interrupt Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com