Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM55HP/1K Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM55HP/1K
Description  DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM55HP/1K Datasheet(HTML) 4 Page - Texas Instruments

  PCM55HP/1K Datasheet HTML 1Page - Texas Instruments PCM55HP/1K Datasheet HTML 2Page - Texas Instruments PCM55HP/1K Datasheet HTML 3Page - Texas Instruments PCM55HP/1K Datasheet HTML 4Page - Texas Instruments PCM55HP/1K Datasheet HTML 5Page - Texas Instruments PCM55HP/1K Datasheet HTML 6Page - Texas Instruments PCM55HP/1K Datasheet HTML 7Page - Texas Instruments PCM55HP/1K Datasheet HTML 8Page - Texas Instruments PCM55HP/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
PCM54/55
4
DISCUSSION OF
SPECIFICATIONS
The PCM54 and PCM55 are specified to provide critical
performance criteria for a wide variety of applications. The
most critical specifications for a D/A converter in audio
applications are total harmonic distortion, differential linear-
ity error, bipolar zero error, parameter shifts with time and
temperature, and settling time effects on accuracy.
The PCM54 and PCM55 are factory-trimmed and tested for
all critical key specifications.
The accuracy of a D/A converter is described by the transfer
function shown in Figure 1. Digital input to analog output
relationship is shown in Table I. The errors in the D/A
converter are combinations of analog errors due to the linear
circuitry, matching and tracking properties of the ladder and
scaling networks, power supply rejection, and reference
errors. In summary, these errors consist of initial errors
including gain, offset, linearity, differential linearity, and
power supply sensitivity. Gain drift over temperature rotates
the line (Figure 1) about the bipolar zero point and offset
drift shifts the line left or right over the operating tempera-
ture range. Most of the offset and gain drift with temperature
or time is due to the drift of the internal reference zener
diode. The converter is designed so that these drifts are in
opposite directions. This way, the bipolar zero voltage is
virtually unaffected by variations in the reference voltage.
DIGITAL INPUT CODES
The PCM54 and PCM55 accept complementary digital
input codes in any of three binary formats (CSB, unipolar; or
COB, bipolar; or CTC, Complementary Two’s Comple-
ment, bipolar). See Table II.
Gain
Drift
Offset
Drift
Bipolar
Zero
–FSR/2
(+FSR/2) –1LSB
Analog Output
0000…0000
0000…0001
0111…1101
0111…1110
0111…1111
1000…0000
1000…0001
1111…1110
1111…1111
All Bits
On
* See Table I for digital code definitions.
FIGURE 1. Input vs Output for an Ideal Bipolar D/A
Converter.
ANALOG OUTPUT
Digital
Complementary
Complementary
Complementary
Input
Straight Binary
Offset Binary
Two’s Complement
Codes
(CSB)
(COB)
(CTS)(1)
0000H
+Full Scale
+Full Scale
–1LSB
7FFFH
+1/2 Full Scale
Bipolar Zero
–Full Scale
8000H
+1/2 Full Scale
–1LSB
+Full Scale
–1LSB
FFFFH
Zero
–Full Scale
Bipolar Zero
NOTE: (1) Invert the MSB of the COB code with an external inverter to obtain
CTC code.
TABLE II. Digital Input Codes.
BIPOLAR ZERO ERROR
Initial Bipolar Zero (BPZ) error (Bit 1 “ON” and all other
bits “OFF”) is the deviation from 0V out and is factory-
trimmed to typically
±10mV at +25°C.
DIFFERENTIAL LINEARITY ERROR
Differential Linearity Error (DLE) is the deviation from an
ideal 1LSB change from one adjacent output state to the
next. DLE is important in audio applications because exces-
sive DLE at bipolar zero (at the “major carry”) can result in
audible crossover distortion for low level output signals.
Initial DLE on the PCM54 and PCM55 is factory-trimmed
to typically
±0.001% of FSR. This error is adjustable to zero
using the circuit shown in the connection diagram (PCM54
only).
VOLTAGE OUTPUT MODE
Analog Output
Unipolar(1)
Bipolar
Digital Input Code
16-Bit
15-Bit
14-Bit
16-Bit
15-Bit
14-Bit
One LSB
(
µV)
91.6
183
366
91.6
183
366
0000H
(V)
+5.99991
+5.99982
+5.99963
+2.99991
+2.99982
+2.99963
FFFFH
(V)
0
0
0
–3.0000
–3.0000
–3.0000
CURRENT OUTPUT MODE
Analog Output
Unipolar
Bipolar
Digital Input Code
16-Bit
15-Bit
14-Bit
16-Bit
15-Bit
14-Bit
One LSB
(
µA)
0.031
0.061
0.122
0.031
0.061
0.122
0000H
(mA)
–1.99997
–1.99994
–1.99988
–0.99997
–0.99994
–0.99988
FFFFH
(mA)
0
0
0
+1.00000
+1.00000
+1.00000
NOTE: (1) +VCC must be at least +8.5VDC to allow output to swing to +6.0VDC.
TABLE I. Digital Input to Analog Output Relationship.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com