Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1801U/2K Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1801U/2K
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1801U/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1801U/2K Datasheet HTML 5Page - Texas Instruments PCM1801U/2K Datasheet HTML 6Page - Texas Instruments PCM1801U/2K Datasheet HTML 7Page - Texas Instruments PCM1801U/2K Datasheet HTML 8Page - Texas Instruments PCM1801U/2K Datasheet HTML 9Page - Texas Instruments PCM1801U/2K Datasheet HTML 10Page - Texas Instruments PCM1801U/2K Datasheet HTML 11Page - Texas Instruments PCM1801U/2K Datasheet HTML 12Page - Texas Instruments PCM1801U/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
OUTPUT SPECTRUM
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
G010
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
G011
Amplitude − dBV
−100
−80
−60
−40
−20
0
G012
0.001
0.1
100
0.01
1
10
f − Frequency − Hz
20
100
1k
20k
G013
10k
0.0001
0.01
0.1
0.001
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VDD = VCC = 5 V, fS = 44.1 kHz, and SYSCLK = 384 fS, unless otherwise noted
FULL-SCALE FFT
–60 dBFS FFT
Figure 10.
Figure 11.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
AMPLITUDE
FREQUENCY
Figure 12.
Figure 13.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com