Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3008T/2K Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008T/2K
Description  ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3008T/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM3008T/2K Datasheet HTML 9Page - Texas Instruments PCM3008T/2K Datasheet HTML 10Page - Texas Instruments PCM3008T/2K Datasheet HTML 11Page - Texas Instruments PCM3008T/2K Datasheet HTML 12Page - Texas Instruments PCM3008T/2K Datasheet HTML 13Page - Texas Instruments PCM3008T/2K Datasheet HTML 14Page - Texas Instruments PCM3008T/2K Datasheet HTML 15Page - Texas Instruments PCM3008T/2K Datasheet HTML 16Page - Texas Instruments PCM3008T/2K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PCM3008
SLAS332 – APRIL 2001
13
www.ti.com
TYPICAL CHARACTERISTICS
typical circuit connection
The following figure illustrates a typical PCM3008 circuit connection.
VCOM
VINR
VINL
GND
VCC
DEM0
DEM1
DOUT
VOUTR
VOUTL
PDDA
PDAD
BCK
SYSCK
LRCK
DIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+
+
+
Right Channel IN
Left Channel IN
C1(see Note A)
A/D IN
C2(see Note B)
C3(see Note B)
+
C4(see Note C)
2.4 V
De-Emp0
De-Emp1
Control
+
+
C6
(see Note D)
C5
(see Note D)
POST
LPF
(see Note E)
POST
LPF
(see Note E)
Right
Channel OUT
Left
Channel OUT
D/A OUT
D/A ON/OFF
A/D ON/OFF
Bit Clock
System Clock
L/R Clock
D/A IN
A/D OUT
Digital IN/OUT
2.4 V
PDDA
PDAD
(see Note F)
PCM3008
NOTES: A. C1: 0.1 µF ceramic and 1 µF chemical typical, gives settling time with 15 ms (1 µF × 15 kΩ) time constant in power on period.
B. C2, C3: 0.47 µF typical, gives 11 Hz cutoff frequency of input HPF in normal operation and gives settling time with 14 ms
(0.47
µF × 30 kΩ) time constant in power on and power down off period.
C. C4: 0.1 µF ceramic and 10 µF chemical typical, depending on power supply quality and pattern layout.
D. C5, C6: 1 µF typical, gives 16 Hz cut-off frequency of output HPF in normal operation and gives settling time with 10 ms (1 µF × 10 kΩ)
time constant in power on period.
E. Post low pass filter with RIN > 10 kΩ, depending on requirement of system performance.
F. Power on reset circuit in case of no power-down control requirement.
board design and layout considerations
power supply and grounding (VCC, GND)
The analog and digital power supply lines are internally tied, and the analog and digital grounds are internally
tied due to pin count limitation. The power supply VCC pin must be bypassed to the GND pin with 0.1 µF ceramic
and 10
µF chemical capacitors as close to the pins as possible to maximize the dynamic performance of ADC
and DAC.
VIN pins
A chemical capacitor from 0.47
µF to 4.7 µF is recommended as an ac coupling capacitor. Capacitance of 0.47
µF gives 11 Hz cut-off frequency at input HPF. If higher full scale input voltage is required, it can be adjusted
by adding only one series resistor to VIN pins.
VCOM input
A 0.1
µF ceramic and a 1 µF or larger chemical capacitor are recommended between VCOM and GND to ensure
low source impedance of ADC and DAC common voltage. This capacitor should be located as close as possible
to the VCOM pin to reduce dynamic errors on the ADC and DAC common voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com