Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3501E/2K Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501E/2K
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM3501E/2K Datasheet HTML 20Page - Texas Instruments PCM3501E/2K Datasheet HTML 21Page - Texas Instruments PCM3501E/2K Datasheet HTML 22Page - Texas Instruments PCM3501E/2K Datasheet HTML 23Page - Texas Instruments PCM3501E/2K Datasheet HTML 24Page - Texas Instruments PCM3501E/2K Datasheet HTML 25Page - Texas Instruments PCM3501E/2K Datasheet HTML 26Page - Texas Instruments PCM3501E/2K Datasheet HTML 27Page - Texas Instruments PCM3501E/2K Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
®
24
PCM3501
FIGURE 25. 5-Level Delta-Sigma Modulator Block Digram.
Out
64f
S
In
8f
S
18-Bit
+
+
+
4
3
2
1
0
5-level Quantizer
+
–
+
Z–1
+
–
+
Z–1
+
+
Z–1
shaper consists of five integrators which use a switched-
capacitor topology, a comparator, and a feedback loop con-
sisting of a one-bit DAC. The delta-sigma modulator shapes
the quantization noise, shifting it out of the audio band in the
frequency domain. The high order of the modulator enables
it to randomize the modulator outputs, reducing idle tone
levels.
The 64fS one-bit data stream from the modulator is con-
verted to 1fS, 16-bit data words by the decimation filter,
which also acts as a low-pass filter to remove the shaped
quantization noise. The DC components can be removed by
a high-pass filter function contained within the decimation
filter.
DAC SECTION
The delta-sigma DAC section of PCM3501 is based on a 5-
level amplitude quantizer and a 3rd-order noise shaper. This
section converts the oversampled input data to 5-level delta-
sigma format. A block diagram of the 5-level delta-sigma
modulator is shown in Figure 25. This 5-level delta-sigma
modulator has the advantage of stability and clock jitter
sensitivity over the typical one-bit (2 level) delta-sigma
modulator. The combined oversampling rate of the delta-
sigma modulator and the internal 8x interpolation filter is
64fS for a 512fS system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com