Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOS6020 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MOS6020
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MOS6020 Datasheet(HTML) 1 Page - Coilcraft lnc.

  MOS6020 Datasheet HTML 1Page - Coilcraft lnc. MOS6020 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded PowerInductors – MOS6020
Document 287 -1
Document 287-1 Revised 09/02/15
Inductance2
DCR max
SRF typ3
2
Isat (A)4
Irms (A)5
Part number1
±20% (µH)
(Ohms)
(MHz)
10% drop
20% drop
30% drop
20°C rise
40°C rise
MOS6020-222ML_
2.2
0.035
110
2.86
3.26
3.56
3.0
4.1
MOS6020-332ML_
3.3
0.046
85
1.90
2.28
2.46
2.6
3.6
MOS6020-472ML_
4.7
0.050
60
1.46
1.82
1.94
2.3
3.1
MOS6020-682ML_
6.8
0.078
55
1.32
1.56
1.72
1.9
2.7
MOS6020-822ML_
8.2
0.085
45
0.94
1.18
1.30
1.7
2.3
MOS6020-103ML_
10
0.092
36
0.79
0.95
1.06
1.6
2.2
MOS6020-153ML_
15
0.130
30
0.83
0.95
1.03
1.3
1.8
MOS6020-223ML_
22
0.182
22
0.79
0.92
0.97
1.0
1.4
MOS6020-333ML_
33
0.290
20
0.57
0.67
0.74
0.80
1.1
MOS6020-473ML_
47
0.420
16
0.45
0.56
0.62
0.50
0.7
MOS6020-683ML_
68
0.520
15
0.37
0.45
0.51
0.45
0.63
MOS6020-104ML_
100
0.800
13
0.35
0.40
0.44
0.40
0.56
MOS6020-154ML_
150
1.28
10
0.26
0.30
0.33
0.35
0.49
MOS6020-224ML_
220
2.00
8
0.22
0.26
0.28
0.30
0.42
MOS6020-334ML_
330
2.84
7
0.18
0.22
0.24
0.25
0.35
MOS6020-474ML_
470
4.40
5
0.15
0.17
0.19
0.22
0.29
1. When ordering, please specify
termination and packaging codes:
MOS6020-104MLC
Termination: L = RoHS compliant matte tin over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2000 parts per
full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/
HP 4263B LCR meter or equivalent.
3. SRF measured using Agilent/HP 8753D network analyzer.
4. DC current at 25°C that causes the specified inductance drop from its
value without current. Click for temperature derating information.
5. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C359 contains 3 of each value
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over phos bronze.
Other terminations available at additional cost.
Weight 0.21 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500 per 7
″ reel; 2000 per 13″ reel; Plastic tape: 16 mm wide,
0.3 mm thick, 12 mm pocket spacing, 2.5 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• 6.0 × 7.1 mm footprint; 2.4 mm high shielded inductors
• Custom versions up to 4.7 mH are available.


Similar Part No. - MOS6020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
SMT Power Inductor
logo
Microchip Technology
MOS6020 MICROCHIP-MOS6020 Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Coilcraft lnc.
MOS6020 COILCRAFT-MOS6020 Datasheet
100Kb / 1P
Designer’s Kits
MOS6020-103ML COILCRAFT-MOS6020-103ML Datasheet
201Kb / 2P
SMT Power Inductors
MOS6020-103ML COILCRAFT-MOS6020-103ML Datasheet
195Kb / 2P
Shielded Power Inductors ??MOS6020
More results

Similar Description - MOS6020

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com