Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1691 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1691
Description  (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1691 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1691 Datasheet HTML 1Page - National Semiconductor (TI) DS1691 Datasheet HTML 2Page - National Semiconductor (TI) DS1691 Datasheet HTML 3Page - National Semiconductor (TI) DS1691 Datasheet HTML 4Page - National Semiconductor (TI) DS1691 Datasheet HTML 5Page - National Semiconductor (TI) DS1691 Datasheet HTML 6Page - National Semiconductor (TI) DS1691 Datasheet HTML 7Page - National Semiconductor (TI) DS1691 Datasheet HTML 8Page - National Semiconductor (TI) DS1691 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
CC
7V
V
EE
−7V
Maximum Power Dissipation (Note 1) at 25˚C
Cavity Package
1509 mW
Molded DIP Package
1476 mW
SO Package
1051 mW
Input Voltage
15V
Output Voltage (Power OFF)
±15V
Storage Temperature
−65˚C to + 150˚C
Lead Temperature
(Soldering, 4 seconds)
260˚C
Operating Conditions
Min
Max
Units
Supply Voltage
DS1691A
V
CC
4.5
5.5
V
V
EE
−4.5
−5.5
V
DS3691
V
CC
4.75
5.25
V
V
EE
−4.75
−5.25
V
Temperature (T
A)
DS1691A
−55
+125
˚C
DS3691
0
+70
˚C
Note 1: Derate cavity package 10.1 mW/˚C above 25˚C; derate molded DIP
package 11.9 mW/˚C above 25˚C. Derate SO package 8.41 mW/˚C above
25˚C.
DC Electrical Characteristics (Notes 3, 4, 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-422 CONNECTION, V
EE CONNECTION TO GROUND, MODE SELECT
≤ 0.8V
V
IH
High Level Input Voltage
2
V
V
IL
Low Level Input Voltage
0.8
V
I
IH
High Level Input Current
V
IN = 2.4V
1
40
µA
V
IN
≤ 15V
10
100
µA
I
IL
Low Level Input Current
V
IN = 0.4V
−30
−200
µA
V
I
Input Clamp Voltage
I
IN = −12 mA
−1.5
V
V
O
Differential Output Voltage
R
L = ∞
V
IN = 2V
3.6
6.0
V
V
O
V
A,B
V
IN = 0.8V
−3.6
−6.0
V
V
T
Differential Output Voltage
R
L = 100
Ω
V
IN = 2V
2
2.4
V
V
T
V
A,B
V
CC
≥ 4.75V
V
IN = 0.8V
−2
−2.4
V
V
OS,VOS
Common-Mode Offset
R
L = 100
Ω
2.5
3
V
Voltage
|V
T|−|VT |
Difference in Differential
R
L = 100
Ω
0.05
0.4
V
Output Voltage
|V
OS|−|VOS |
Difference in Common-
R
L = 100
Ω
0.05
0.4
V
Mode Offset Voltage
V
SS
|V
T −VT |
R
L = 100
Ω,V
CC
≥ 4.75V
4.0
4.8
V
V
CMR
Output Voltage Common-
V
DISABLE = 2.4V
±10
V
Mode Range
I
XA
Output Leakage Current
V
CC =0V
V
CMR = 10V
100
µA
I
XB
Power OFF
V
CMR = −10V
−100
µA
I
OX
TRI-STATE Output Current
V
CC = Max
V
CMR
≤ 10V
100
µA
V
EE = 0V and −5V
V
CMR
≥ −10V
−100
µA
I
SA
Output Short Circuit Current
V
IN = 0.4V
V
OA = 6V
80
150
mA
V
OB = 0V
−80
−150
mA
I
SB
Output Short Circuit Current
V
IN = 2.4V
V
OA = 0V
−80
−150
mA
V
OB = 6V
80
150
mA
I
CC
Supply Current
18
30
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com