Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3550 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # 3550
Description  MONOLITHIC DUAL PNP TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

3550 Datasheet(HTML) 2 Page - Linear Integrated Systems

  3550 Datasheet HTML 1Page - Linear Integrated Systems 3550 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
ELECTRICAL CHARACTERISTICS CONT. @25 °C (unless otherwise stated)
LS3250A
LS3250B
LS3250C
SYMBOL
CHARACTERISTIC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
150
100
50
IC = -1mA, VCE = -5V
120
80
40
IC = -10mA, VCE = -5V
hFE
DC Current Gain
100
80
40
IC = -100mA, VCE = -5V
-0.2
-0.2
IE = 0A, VCB = -30V
ICBO
Collector Cutoff Current
-0.2
IE = 0A, VCB = -20V
IEBO
Emitter Cutoff Current
-0.2
-0.2
-0.2
IE = 0A, VCB = -3V
IC1C2
Collector to Collector Leakage Current
-1
-1
-1
nA
VCC = ±80V
COBO
Output Capacitance
2
2
2
pF
IE = 0A, VCB = -10V
fT
Gain Bandwidth Product (Current)
600
600
600
MHz
IC = -1mA, VCE = -5V
NF
Noise Figure (Narrow Band)
3
3
3
dB
IC = -100µA, VCE = -5V
BW = 200Hz
RB = 10Ω, f = 1kHz
NOTES:
1.
Maximum rating for LS3550A, SOT23-6.
2.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
3.
The reverse Base to Emitter voltage must never exceed -6.2 Volts. The reverse Base to Emitter current must never exceed -10µA.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or
1
SOIC
2
3
45
6
7
8
DIMENSIONS IN
INCHES
0.2284
0.2440
0.189
0.196
0.0075
0.0098
0.021
0.014
0.018
0.050
0.0040
0.0098
0.150
0.157
1
PDIP
DIMENSIONS IN
INCHES
2
3
4
5
6
7
8
0.145
0.170
0.060
0.100
0.250
0.375
0.038
0.295
0.320
TO-78
0.335
0.370
0.305
0.335
0.016
0.019
0.165
0.185
0.040
MAX.
DIM. A
0.016
0.021
DIM. B
MIN. 0.500
0.200
0.100
0.100
0.028
0.034
45°
1
2 3
5
6
7
0.029
0.045
SEATING
PLANE
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
1
3
5
SOT-23
DIMENSIONS IN
MILLIMETERS
2
4
6
0.95
1.90
1.50
1.75
2.60
3.00
0.35
0.50
2.80
3.00
0.90
1.30
0.00
0.15
0.09
0.20
0.10
0.60
Standard package is SOT23 6 lead.
Other packages listed are optional. Contact factory regarding
availability of optional packages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com