Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3550 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS3550
Description  MONOLITHIC DUAL PNP TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS3550 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS3550 Datasheet HTML 1Page - Linear Integrated Systems LS3550 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
6 LEAD SOT-23 SURFACE MOUNT PACKAGE*
TIGHT MATCHING
1
2mV
EXCELLENT THERMAL TRACKING
1
3µV/°C
ABSOLUTE MAXIMUM RATINGS
2
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation
Continuous Power Dissipation
TBD
Maximum Currents
Collector Current
50mA
Maximum Voltages
Collector to Collector Voltage
80V
MATCHING ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
LS3250A
LS3250B
LS3250C
SYMBOL
CHARACTERISTIC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
BE2
BE1
V
V
−
Base to Emitter Voltage Differential
2
5
10
mV
IC = -10mA, VCE = -5V
∆T
V
V
BE2
BE1
−
Base to Emitter Voltage Differential
Change with Temperature
3
5
15
µV/°C
IC = -10mA, VCE = -5V
TA = -40°C to +85°C
B2
B1
I
I
−
Base Current Differential
10
10
10
nA
IC = -10µA, VCE = -5V
∆T
I
I
B2
B1
−
Base Current Differential
Change with Temperature
0.5
0.5
1.0
nA/°C
IC = -10µA, VCE = -5V
TA = -40°C to +85°C
FE2
FE1
h
h
Current Gain Differential
10
10
15
%
IC = -10µA, VCE = -5V
ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
LS3250A
LS3250B
LS3250C
SYMBOL
CHARACTERISTIC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
BVCBO
Collector to Base Breakdown Voltage
-45
-40
-20
IC = -10mA, IE = 0A
BVCEO
Collector to Emitter Breakdown Voltage -45
-40
-20
BVCCO
Collector to Collector Breakdown
Voltage
-80
-80
-80
IC = -10µA, IE = 0A
BVEBO
Emitter to Base Breakdown Voltage
3
-6.2
-6.2
-6.2
IE = -10µA, IC = 0A
VCE(SAT)
Collector to Emitter Saturation Voltage
-0.25
-0.25
-1.2
V
IC = -100mA
IB = -10mA
LS3550 SERIES
MONOLITHIC DUAL
PNP TRANSISTORS
Linear Integrated Systems
1
2
3
4
8
7
6
5
PDIP
C1
B1
E1
NC
C2
B2
E2
NC NC
1
2
3
4
8
7
6
5
SOIC
C1
B1
E1
C2
B2
E2
NC
5
BOTTOM VIEW
TO-71
1
2
3
6
7
B1
E1
C1
E2
B2
C2
E1
C1
E2
C2
5
BOTTOM VIEW
TO-78
1
2
3
6
7
B1
B2
1
3
2
SOT-23
TOP VIEW
6
4
5
C1
E1
C2
B1
E2
B2
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - LS3550

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3550A MICROSS-LS3550A Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
logo
Linear Integrated Syste...
LS3550A LINEAR-LS3550A Datasheet
270Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
logo
Micross Components
LS3550A_PDIP MICROSS-LS3550A_PDIP Datasheet
277Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS3550A_SOIC MICROSS-LS3550A_SOIC Datasheet
277Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS3550A_SOT-23 MICROSS-LS3550A_SOT-23 Datasheet
273Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS3550

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS350-2 LINEAR-LS350-2 Datasheet
29Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LSIT130-2 LINEAR-LSIT130-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
logo
ON Semiconductor
NSM11156DW6T1G ONSEMI-NSM11156DW6T1G Datasheet
76Kb / 4P
Dual PNP Transistors
March, 2008 - Rev. 0
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Linear Integrated Syste...
LS310 LINEAR-LS310_14 Datasheet
360Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
LS3550 LINEAR-LS3550_14 Datasheet
270Kb / 2P
MONOLITHIC DUAL PNP TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com