Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J113 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J113
Description  SINGLE N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J113 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J113 Datasheet HTML 1Page - Linear Integrated Systems J113 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DIRECT REPLACEMENT FOR SILICONIX J/SST111 SERIES
LOW GATE LEAKAGE CURRENT
5pA
FAST SWITCHING
4ns
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to 150°C
Junction Operating Temperature
-55 to 135°C
Maximum Power Dissipation
Continuous Power Dissipation (J)
360mW
Continuous Power Dissipation (SST)
350mW
Maximum Currents
Gate Current
50mA
Maximum Voltages
Gate to Drain
-35V
Gate to Source
-35V
STATIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
J/SST111
J/SST112
J/SST113
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
-35
-35
-35
IG = -1µA, VDS = 0V
VGS(off)
Gate to Source Cutoff Voltage
-3
-10
-1
-5
-3
VDS = 5V, ID = 1µA
VGS(F)
Gate to Source Forward Voltage
0.7
V
IG = 1mA, VDS = 0V
IDSS
Drain to Source Saturation Current
2
20
5
2
mA
VDS = 15V, VGS = 0V
IGSS
Gate Leakage Current
-0.005
-1
-1
-1
nA
VGS = -15V, VDS = 0V
IG
Gate Operating Current
-5
pA
VDG = 15V, ID = 10mA
ID(off)
Drain Cutoff Current
0.005
1
1
1
nA
VDS = 5V, VGS = -10V
rDS(on)
Drain to Source On Resistance
30
50
100
Ω
IG = 1mA, VDS = 0V
J SERIES
TO-92
BOTTOM VIEW
12
3
DS G
TO 92
SST SERIES
1
2
3
SOT-23
TOP VIEW
D
G
S
Linear Integrated Systems
J/SST111 SERIES
SINGLE N-CHANNEL JFET
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - J113

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J113 PHILIPS-J113 Datasheet
35Kb / 6P
N-channel silicon field-effect transistors
July 1993
logo
Fairchild Semiconductor
J113 FAIRCHILD-J113 Datasheet
101Kb / 5P
N-Channel Switch
logo
Calogic, LLC
J113 CALOGIC-J113 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Micro Electronics
J113 MICRO-ELECTRONICS-J113 Datasheet
45Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
logo
List of Unclassifed Man...
J113 ETC1-J113 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - J113

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Micross Components
2N4393_TO-18 MICROSS-2N4393_TO-18 Datasheet
299Kb / 1P
Single N-Channel JFET switch
LS4391_TO-18 MICROSS-LS4391_TO-18 Datasheet
299Kb / 1P
Single N-Channel JFET switch
LS4392_SOT-23 MICROSS-LS4392_SOT-23 Datasheet
294Kb / 1P
Single N-Channel JFET switch
LS4392_TO-18 MICROSS-LS4392_TO-18 Datasheet
299Kb / 1P
Single N-Channel JFET switch
LS4392_TO-92 MICROSS-LS4392_TO-92 Datasheet
295Kb / 1P
Single N-Channel JFET switch
LS4393_TO-92 MICROSS-LS4393_TO-92 Datasheet
295Kb / 1P
Single N-Channel JFET switch
SST4391_SOT-23 MICROSS-SST4391_SOT-23 Datasheet
295Kb / 1P
Single N-Channel JFET switch
logo
New Jersey Semi-Conduct...
SST4391 NJSEMI-SST4391 Datasheet
130Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Linear Integrated Syste...
J-SST111 LINEAR-J-SST111 Datasheet
227Kb / 2P
SINGLE N-CHANNEL JFET SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com