Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2012QML-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012QML-SP
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012QML-SP Datasheet(HTML) 4 Page - Texas Instruments

  LMP2012QML-SP Datasheet HTML 1Page - Texas Instruments LMP2012QML-SP Datasheet HTML 2Page - Texas Instruments LMP2012QML-SP Datasheet HTML 3Page - Texas Instruments LMP2012QML-SP Datasheet HTML 4Page - Texas Instruments LMP2012QML-SP Datasheet HTML 5Page - Texas Instruments LMP2012QML-SP Datasheet HTML 6Page - Texas Instruments LMP2012QML-SP Datasheet HTML 7Page - Texas Instruments LMP2012QML-SP Datasheet HTML 8Page - Texas Instruments LMP2012QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LMP2012QML
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
www.ti.com
LMP2012 Electrical Characteristics 2.7V AC Parameters
The following conditions apply, unless otherwise specified.
V
+ = 2.7V, V -= 0V, V
CM = 1.35V, VO = 1.35V, and RL > 1 MΩ.
Sub-
Symbol
Parameter
Conditions
Notes
Typ(1)
Min
Max
Units
groups
GBW
Gain-Bandwidth Product
3
1
5
MHz
4
SR
Slew Rate
4
V/
μs
θm
Phase Margin
60
Deg
Gm
Gain Margin
−14
dB
en
Input-Referred Voltage Noise
35
nV/
√Hz
enP-P
Input-Referred Voltage Noise
RS = 100Ω, DC to 10 Hz
850
nVPP
trec
Input Overload Recovery Time
50
ms
(1)
Typical values represent the most likely parametric norm.
LMP2012 Electrical Characteristics 2.7V DC Parameters – 50 krad(Si) Post Radiation Limits @
+25°C
(1)
The following conditions apply, unless otherwise specified.
V
+ = 2.7V, V -= 0V, V
CM = 1.35V, VO = 1.35V, and RL > 1 MΩ.
Sub-
Symbol
Parameter
Conditions
Notes
Typ
Min
Max
Units
groups
IS
Supply Current per Channel
1.75
mA
1
(1)
Pre and post irradiation limits are identical to those listed under DC Parameters, except those listed in the Post Radiation Limit tables.
LMP2012 Electrical Characteristics 2.7V Operating Life Test Delta Parameters TA = +25°C
This is worst case drift, deltas are performed at room temperature post operation life. All other parameters, no deltas required.
Symbol
Parameter
Conditions
Limit
Units
VIO
Input offset voltage
2.7 V
±2
μV
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com