Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7709MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7709MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7709MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7709MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7709MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
10 Ûs/DIV
VS = 5V
f = 10 kHz
AV = +100
VIN = 1 mVPP
RL = 10 k:
CL = 10 pF
10 Ûs/DIV
VS = 5V
f = 10 kHz
AV = +100
VIN = 20 mVPP
RL = 10 k:
CL = 10 pF
10 Ûs/DIV
VS = 5V
f = 10 kHz
AV = +10
VIN = 10 mVPP
RL = 10 k:
CL = 10 pF
10 Ûs/DIV
VS = 5V
f = 10 kHz
AV = +10
VIN = 200 mVPP
RL = 10 k:
CL = 10 pF
FREQUENCY (Hz)
100
80
60
40
20
0
-20
-40
-60
1k
10k
100k
1M
10M
100M
GAIN
PHASE
225
180
135
90
45
0
-45
-90
-135
AV = -10
VS = 3V, 5V, 10V
CL = 22 pF, 47 pF, 100 pF
VS = 3V
CL = 100 pF
VS = 10V
CL = 22 pF
FREQUENCY (Hz)
100
80
60
40
20
0
-20
-40
-60
225
180
135
90
45
0
-45
-90
-135
1k
10k
100k
1M
10M
100M
GAIN
25°C
-40°C
PHASE
125°C
AV = -10
VS = 5V
RL = 10 k:
CL = 22 pF
100
80
60
40
20
0
-20
-40
-60
-135
-90
-45
0
45
90
135
180
225
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCM = VS/2, RL > 10 kΩ connected to (V
++V−)/2
Open Loop Frequency Response
Open Loop Frequency Response
Figure 30.
Figure 31.
Small Signal Step Response, AV = 10
Large Signal Step Response, AV = 10
Figure 32.
Figure 33.
Small Signal Step Response, AV = 100
Large Signal Step Response, AV = 100
Figure 34.
Figure 35.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com