Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS5912C Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS5912C
Description  IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5912C Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS5912C Datasheet HTML 1Page - Linear Integrated Systems LS5912C Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Improved Replacement for SILICONIX, FAIRCHILD, &
NATIONAL: 2N5911 & 2N5912
LOW NOISE (10kHz)
en ~ 4nV/√Hz
HIGH TRANSCONDUCTANCE (100MHz)
gfs ≥ 4000µS
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation
Continuous Power Dissipation (Total)
500mW
Maximum Currents
Gate Current
50mA
Maximum Voltages
Gate to Drain
-25V
Gate to Source
-25V
MATCHING ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
LS5911
LS5912
LS5912C
SYMBOL
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
GS2
GS1
V
V
−
Differential Gate to Source
Cutoff Voltage
10
15
40
mV
VDG = 10V, ID = 5mA
∆T
V
V
∆
GS2
GS1
−
Differential Gate to Source
Cutoff Voltage Change with
Temperature
20
40
40
µV/°C
VDG = 10V, ID = 5mA
TA = -55 to +125°C
DSS2
DSS1
I
I
Gate to Source Saturation
Current Ratio
0.95
1
0.95
1
0.95
1
%
VDS = 10V, VGS = 0V
G2
G1
I
I
−
Differential Gate Current
20
20
20
nA
VDG = 10V, ID = 5mA
TA = +125°C
fs2
fs1
g
g
Forward Transconductance
Ratio
2
0.95
1
0.95
1
0.95
1
%
VDS = 10V, ID = 5mA
f
= 1kHz
CMRR
Common Mode Rejection
Ratio
85
dB
VDG = 5V to 10V
ID = 5mA
1
2
3
4
8
7
6
5
PDIP-B
S1
D1
G1
NC
NC
G2
D2
S2
1
2
3
4
8
7
6
5
SOIC-B
S1
D1
G1
NC
NC
G2
D2
S2
1
2
3
4
8
7
6
5
PDIP-A
S1
D1
SS
G1
G2
SS
D2
S2
1
2
3
4
8
7
6
5
SOIC-A
S1
D1
SS
G1
G2
SS
D2
S2
5
BOTTOM VIEW
TO-78
1
2
3
6
7
D1
G1
S1
S2
D2
G2
1
3
2
SOT-23
TOP VIEW
6
4
5
S2
D2
G2
G1
D1
S1
5
BOTTOM VIEW
TO-71
1
2
3
6
7
D1
G1
S1
S2
D2
G2
Linear Integrated Systems
LS5911 LS5912 LS5912C
IMPROVED LOW NOISE
WIDEBAND MONOLITHIC
DUAL N-CHANNEL JFET
STATIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
LS5911
LS5912
LS5912C
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
-25
-25
-25
IG = -1µA, VDS = 0V
VGS(off)
Gate to Source Cutoff Voltage
-1
-5
-1
-5
-1
-5
VDS = 10V, ID = 1nA
VGS(F)
Gate to Source Forward Voltage
0.7
IG = 1mA, VDS = 0V
VGS
Gate to Source Voltage
-0.3
-4
-0.3
-4
-0.3
-4
V
VDG = 10V, IG = 5mA
IDSS
Drain to Source Saturation Current
3
7
40
7
40
7
40
mA
VDS = 10V, VGS = 0V
IGSS
Gate Leakage Current
-1
-50
-50
-50
VGS = -15V, VDS = 0V
IG
Gate Operating Current
-1
-50
-50
-50
pA
VDG = 10V, ID = 5mA
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - LS5912C

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C MICROSS-LS5912C Datasheet
288Kb / 1P
N-CHANNEL JFET
LS5912C MICROSS-LS5912C Datasheet
284Kb / 1P
N-CHANNEL JFET
LS5912C MICROSS-LS5912C Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C MICROSS-LS5912C Datasheet
281Kb / 1P
N-CHANNEL JFET
logo
Linear Integrated Syste...
LS5912C LINEAR-LS5912C Datasheet
328Kb / 3P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results

Similar Description - LS5912C

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS5911 LINEAR-LS5911_15 Datasheet
328Kb / 3P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com