Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # M28F
Description  2A SURFACE MOUNT SCHOTTKY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

M28F Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  M28F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD M28F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD M28F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
MB24F
MB26F
MB28F
MB210F
MB220F
MB24F
MB26F
MB28F
MB210F
MB220F
MBxxF
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
MBF
UNIT
mm
1.6
0.22
5.0
4.1
7.0
1.2
0.15
4.5
3.6
6.4
7°
max
min
mil
max
min
63
47
8.7
5.9
197
177
161
142
276
252
A
C
D
E
HE
∠
d
0.8
0.5
31
20
e
2.7
2.3
106
91
∠ALL ROUND
HE
E
d
L
a
L1
L
L1
a
1.7
1.3
1.1
0.5
51
67
20
43
0.2
8
MBF mechanical data
2.5
100
0.9
35
6.0
236
2.4
94
mm
(mil)
Unit :
MB24F THRU MB220F
www.yfwdiode.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com