Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z2SMB10 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # Z2SMB10
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

Z2SMB10 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  Z2SMB10 Datasheet HTML 1Page - SUNMATE electronic Co., LTD Z2SMB10 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER: 2.0Wa t t s
VOLTAGE RANGE: 3.6 - 200V
Z2SMB3V6 - Z2SMB200
1 of 2
Features
High peak reverse power dissipation
Complete Voltage Range 3.6 to 200 Volts
Low leakage current
High reliability
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75
°C (Note1)
PD
2.0
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
1 of 2
SURFACE MOUNT SILICON ZENER DIODES
!
!
!
!
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Mechanical Data
Case: SMB/DO-214AA, Molded Plastic
Weight: 0.093 grams (approx.)
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
www.sunmate.tw
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - Z2SMB10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z2SMB10 DIOTEC-Z2SMB10 Datasheet
120Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB10 DIOTEC-Z2SMB10 Datasheet
97Kb / 2P
Surface Mount Silicon-Zener Diodes
logo
Semikron International
Z2SMB10 SEMIKRON-Z2SMB10 Datasheet
54Kb / 1P
Surface mount diode
Z2SMB10 SEMIKRON-Z2SMB10 Datasheet
182Kb / 3P
Zener silicon diodes
logo
Diotec Semiconductor
Z2SMB10 DIOTEC-Z2SMB10 Datasheet
93Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - Z2SMB10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com