Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS202ECM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMS202ECM/NOPB
Description  LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS202ECM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMS202ECM/NOPB Datasheet HTML 1Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 2Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 3Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 4Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 5Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 6Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 7Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 8Page - Texas Instruments LMS202ECM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LMS202E
SNLS160D – DECEMBER 2002 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
Pin Number
Pin Name
Pin Function
1, 3
C1+, C1
−
External capacitor connection pins. Recommended external capacitor C1 = 0.1
μF (6.3V)
2
V+
Positive supply for TIA/EIA-232E drivers. Recommended external capacitor C4 = 0.1
μF (6.3V)
4, 5
C2+, C2
−
External capacitor connection pins. Recommended external capacitor C2 = 0.1
μF (16V)
6
V
−
Negative supply for TIA/EIA-232E drivers. Recommended external capacitor C3 = 0.1
μF (16V)
7, 14
T1out, T2out
Transmitter output pins conform to TIA/EIA-232E levels. The typical transmitter output swing is ±8V
when loaded 3k
Ω load to ground. The open-circuit output voltage swings from (V+ − 0.6V) to V−
8,13
R1in, R2in
Receiver inputs accept TIA/EIA-232
9, 12
R1out and R2out
Receiver output pins are TTL/CMOS compatible
10, 11
Tin1, Tin2
Transmitter input pins are TTL/CMOS compatible. Inputs of transmitter do not have pull-up resistors.
Connect all unused transmitter inputs to ground
15
GND
Ground pin
16
VS
Power supply pin for the device, +5V (±10%)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VS
−0.3V to 6V
V+
(VS − 0.3V) to + 14V
V
−
+0.3V to
−14V
Driver Input Voltage, TIN
−0.3V to (V+ +0.3V)
Receiver Input Voltage, RIN
± 30V
Driver Output Voltage TO
(V
− −0.3V to (V+ +
0.3V)
Receiver Output Voltage RO
−0.3 to (VS + 0.3)
Short Circuit Duration, TO
Continuous
ESD Rating
IEC 1000-4-2) (3)
See (4)
Air-Gap Discharge
15kV
Contact Discharge
8kV
Human Body Model (5)
See (4)
15kV
See (6)
2kV
ESD Rating (MM)
200V (7)(6)
Soldering Information
Infrared or Convection
(20sec.)
235°C
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see the
Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
IEC 1000-4-2, 330
Ω in series with 150pF
(4)
ESD rating applies to pins 7,8 13 and 14
(5)
Human Body Model, 1.5k
Ω in series with 100pF
(6)
ESD rating applies to pins 1, 2, 3, 4, 5, 6, 9, 10, 11, 12, 15 and 16
(7)
Machine model, 0
Ω in series with 200pF
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMS202E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com