Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV641MFE/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MFE/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MFE/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV641MFE/NOPB Datasheet HTML 1Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MFE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
0
1
2
3
4
5
6
7
8
9
-50
-40
-30
-20
-10
0
10
20
30
40
50
VCM (V)
-40°C
25°C
125°C
V
+
= +10V
V
-
= 0V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9 10 11
VCM (V)
-40°C
25°C
125°C
V
+
= +12V
V
-
= 0V
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VCM (V)
V
+
= +2.7V
V
-
= 0V
-40°C
25°C
125°C
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
50
VCM (V)
-40
-30
-20
-10
0
10
20
30
40
-40°C
25°C
125°C
V
+
= +5V
V
-
= 0V
2
3
4
5
6
7
8
9
10 11 12
-100
-80
-60
-40
-20
0
20
40
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
2
3
4
5
6
7
8
9
10 11 12
40
60
80
100
120
140
160
180
200
220
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
Typical Performance Characteristics
Unless otherwise specified, TA = 25°C, V
+ = 10V, V− = 0V, V
CM = VS/2.
Supply Current
Offset Voltage
vs.
vs.
Supply Voltage
Supply Voltage
Figure 5.
Figure 6.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 7.
Figure 8.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 9.
Figure 10.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com