Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6574MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
V
+
SD
7
RF
IN 3
+
-
1
RIN0
IN 0
5
IN 2
3
IN 1
RIN3
RIN2
RIN1
10
8
12
13
11
9
14
6
V
-
RT
A0
RT
A1
VOUT
ROUT
RG
RT
EN
RT
2, 4
LMH6574
www.ti.com
SNCS103D – NOVEMBER 2004 – REVISED DECEMBER 2014
7 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
7.1 Application Information
The LMH6574 is a high-speed 4:1 analog multiplexer, optimized for very high speed and low distortion. With
selectable gain and excellent AC performance, the LMH6574 is ideally suited for switching high resolution,
presentation grade video signals. The LMH6574 has no internal ground reference. Single or split supply
configurations are both possible. The LMH6574 features very high speed channel switching and disable times.
When disabled the LMH6574 output is high impedance making MUX expansion possible by combining multiple
devices. See Multiplexer Expansion.
7.2 Typical Application
Figure 27. Typical Application
7.2.1 Video Performance
The LMH6574 has been designed to provide excellent performance with production quality video signals in a
wide variety of formats such as HDTV and High Resolution VGA. Best performance will be obtained with back-
terminated loads. The back termination reduces reflections from the transmission line and effectively masks
transmission line and other parasitic capacitances from the amplifier output stage. Figure 27 shows a typical
configuration for driving a 75
Ω. Cable. The output buffer is configured for a gain of 2, so using back terminated
loads will give a net gain of 1.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com