Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1175CS Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1175CS
Description  7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1175CS Datasheet(HTML) 2 Page - International Rectifier

  IRU1175CS Datasheet HTML 1Page - International Rectifier IRU1175CS Datasheet HTML 2Page - International Rectifier IRU1175CS Datasheet HTML 3Page - International Rectifier IRU1175CS Datasheet HTML 4Page - International Rectifier IRU1175CS Datasheet HTML 5Page - International Rectifier IRU1175CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-80
Rev. 1.2
11/29/99
IRU1175
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin)
.................................................
6V
Control Input Voltage (Vctrl) ....................................... 14V
Power Dissipation.....................................................
Internally Limited
Storage Temperature Range ......................................
-65
°C TO 150°C
Operating Junction Temperature Range ......................
0
°C TO 150°C
PACKAGE INFORMATION
8-PIN PLASTIC SOIC ( S )
5-PIN PLASTIC TO-263 ( M )
5-PIN PLASTIC ULTRA THIN-PAK (P)
θJA=55°C/W for 1" Sq pad area
θJA=35°C/W for 0.5" square pad
θJA=35°C/W for 0.5" square pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over, Cin=1µF, Cout=10µF, and Tj=0 to 125°C. Typical
values refer to Tj=25°C. Vout=Vsense.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
Vref
Vctrl=2.75V, Vin=2V, Io=10mA
1.243
1.250
1.257
V
Tj=25, Vadj=0V
Vctrl=2.7to12V, Vin=2.05V to 5.5V, 1.237
1.250
1.263
Io=10mA to 7.5A, Vadj=0V
Line Regulation
Vctrl=2.5Vto7V, Vin=1.75Vto5.5V
Io=10mA , Vadj=0V
0.5
3
mV
Load Regulation (note 1)
Vctrl=2.75V, Vin=2.1V, Io=10mA
to 7.5A, Vadj=0V
2
6
mV
Dropout Voltage (note 2)
Vadj=0V for all conditions below.
(Vctrl - Vout)
Vin=2.05V, Io=1.5A
0.95
V
Vin=2.05V, Io=3A
1.00
Vin=2.05V, Io=5A
1.05
Vin=2.05V, Io=7.5A
1.15
1.30
Dropout Voltage (note 2)
Vadj=0V for all conditions below.
(Vin - Vout)
Vctrl=2.75V, Io=1.5A
0.100
0.130
V
Vctrl=2.75V, Io=3A
0.200
0.260
Vctrl=2.75V, Io=5A
0.330
0.430
Vctrl=2.75V, Io=7.5A
0.500
0.650
Current Limit
Vctrl=2.75V, Vin=2.05V,
dVo=100mV Vadj=0V
7.7
9
A
Minimum Load Current (note 3)
Vctrl=5V, Vin=3.3V, Vadj=0V
5
10
mA
Thermal Regulation
30mS Pulse
0.01
0.02
%/W
Ripple Rejection
Vctrl=5V, Vin=5V, Io=3A,Vadj=0V
60
70
dB
Tj=25, Vripple=1Vpp at 120Hz
Vout
Vsense
Adj
Vin
Vctrl
Vout
Vout
Vout
4
3
2
1
5
6
7
8
TOP VIEW
Vsense
Adj
Vout
Vctrl
Vin
FRONT VIEW
1
2
3
4
5
Vsense
Adj
Vout
Vctrl
Vin
FRONT VIEW
1
2
3
4
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com