Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34AA04-E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 34AA04-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04-E/ST Datasheet(HTML) 1 Page - Microchip Technology

  34AA04-E/ST Datasheet HTML 1Page - Microchip Technology 34AA04-E/ST Datasheet HTML 2Page - Microchip Technology 34AA04-E/ST Datasheet HTML 3Page - Microchip Technology 34AA04-E/ST Datasheet HTML 4Page - Microchip Technology 34AA04-E/ST Datasheet HTML 5Page - Microchip Technology 34AA04-E/ST Datasheet HTML 6Page - Microchip Technology 34AA04-E/ST Datasheet HTML 7Page - Microchip Technology 34AA04-E/ST Datasheet HTML 8Page - Microchip Technology 34AA04-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 1
34AA04
Device Selection Table
Features
• 4 Kbit EEPROM:
- Internally organized as two 256 x 8-bit banks
- Byte or page writes (up to 16 bytes)
- Byte or sequential reads within a single bank
- Self-timed write cycle (5 ms max.)
• JEDEC® JC42.4 (EE1004-v) Serial Presence
Detect (SPD) Compliant for DRAM (DDR4)
modules
• High-Speed I2C™ Interface:
- Industry standard 1 MHz, 400 kHz, and
100 kHz
- Schmitt Trigger inputs for noise suppression
- SMBus-compatible bus time out
- Cascadable up to eight devices
• Write Protection:
- Reversible software write protection for four
individual 128-byte blocks
• Low-Power CMOS Technology:
- Voltage range: 1.7V to 3.6V
- Write current: 1.5 mA at 3.6V
- Read current: 200 µA at 3.6V, 400 kHz
- Standby current: 1 µA at 3.6V
• High Reliability:
- More than one million erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• 8-lead PDIP, SOIC, TSSOP, TDFN, and UDFN
Packages
• Available Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description
The Microchip Technology Inc. 34AA04 is a 4 Kbit
Electrically Erasable PROM which utilizes the I2C serial
interface and is capable of operation across a broad
voltage range (1.7V to 3.6V). This device is JEDEC
JC42.4 (EE1004-v) Serial Presence Detect (SPD)
compliant and includes reversible software write
protection for each of four independent 128 x 8-bit
blocks. The device features a page write capability of
up to 16 bytes of data. Address pins allow up to eight
devices on the same bus.
The 34AA04 is available in the 8-lead PDIP, SOIC,
TSSOP, TDFN, and UDFN packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max. Clock
Frequency
Temp
Ranges
34AA04
1.7-3.6
1 MHz(1)
I, E
Note 1:
400 kHz for 1.8V ≤ VCC < 2.2V
100 kHz for VCC < 1.8V
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
A0
A1
A2
VSS
NC
SCL
SDA
VCC
8
7
6
5
1
2
3
4
TDFN/UDFN
PDIP/SOIC/TSSOP
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
Block 0
(000h-07Fh)
Block 1
(080h-0FFh)
Block 2
(100h-17Fh)
Block 3
(180h-1FFh)
4K I2C™ Serial EEPROM with Software Write-Protect


Similar Part No. - 34AA04-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02 MICROCHIP-34AA02 Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results

Similar Description - 34AA04-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com