Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34AA04T-I/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # 34AA04T-I/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04T-I/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button 34AA04T-I/ST Datasheet HTML 14Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 15Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 16Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 17Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 18Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 19Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 20Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 21Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
34AA04
DS20005271B-page 18
 2014 Microchip Technology Inc.
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXX
XXXXYYWW
NNN
34AA04
3EC
1442
34AA04
1442
3EC
8-Lead TSSOP
Example:
XXXX
YYWW
NNN
AACK
1442
3EC
8-Lead 2x3 TDFN
XXX
YWW
NN
Example:
3
e
3
e
ACB
442
3E
1st Line Marking Codes
Part Number
PDIP
SOIC
TSSOP
TDFN
UDFN
34AA04
34AA04
34AA04
AACK
ACB
CAC
8-Lead 2x3 UDFN
XXX
YWW
NN
Example:
CAC
442
3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com