Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6640MF/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6640MF/NOPB
Description  LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6640MF/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6640MF/NOPB Datasheet HTML 4Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 5Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 9Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 10Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 11Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
1
10
100
1000
FREQUENCY (kHz)
0
10
20
30
40
50
VS = 5V
1
10
100
1000
FREQUENCY (kHz)
0
1
2
3
4
VS = 5V
1
10
100
1000
ISINKING (mA)
0.01
0.1
1
10
-40°C
25°C
85°C
125°C
VS = 16V
-40°C
1
10
100
1000
ISOURCING (mA)
0.01
0.1
1
10
-40°C
25°C
85°C
125°C
VS = 16V
-40°C
2
4
6
8
10
12
14
16
18
VS (V)
0
50
100
150
200
250
300
-40°C
125°C
85°C
25°C
RL = 150:
2
4
6
8
10
12
14
16
18
VS (V)
0
50
100
150
200
250
300
350
-40°C
25°C
85°C
125°C
RL = 150:
LMH6640
SNOSAA0B – FEB 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = 16 V, V− = 0V, R
F = 330Ω for AV= +2, RF = 1 kΩ for AV = −1. RL tied to V
+/2. Unless otherwise specified.
Positive Output Saturation Voltage vs.
Negative Output Saturation Voltage vs.
VS for Various Temperature
VS for Various Temperature
Figure 8.
Figure 9.
Output Sinking Saturation Voltage vs.
Output Sourcing Saturation Voltage vs.
ISINKING for Various Temperature
ISOURCING for Various Temperature
Figure 10.
Figure 11.
Input Current Noise vs.
Input Voltage Noise vs.
Frequency
Frequency
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com