Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34AA04T-E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # 34AA04T-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04T-E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button 34AA04T-E/ST Datasheet HTML 6Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 7Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 8Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 9Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 10Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 11Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 12Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 13Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
34AA04
DS20005271B-page 10
 2014 Microchip Technology Inc.
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the Start signal from the master, the control
code (4 bits), the Chip Select bits (3 bits) and the R/W
bit, which is a logic low, are placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that the array address byte will follow,
once it has generated an Acknowledge bit during the
ninth clock cycle. Therefore, the next byte transmitted
by the master is the array address and will be written
into the Address Pointer of the 34AA04.
After receiving another Acknowledge signal from the
34AA04, the master device will transmit the data byte to
be written into the addressed memory location. The
34AA04 acknowledges again and the master generates
a Stop condition. This initiates the internal write cycle,
which means that during this time, the 34AA04 will not
generate Acknowledge signals (Figure 6-1).
If an attempt is made to write to a software write-pro-
tected portion of the array, the 34AA04 will not acknowl-
edge the data byte, no data will be written, and the
device will immediately accept a new command.
6.2
Page Write
The write control byte, array address and the first data
byte are transmitted to the 34AA04 in the same way as
in a byte write. Instead of generating a Stop condition,
the master transmits up to 15 additional data bytes to
the 34AA04, which are temporarily stored in the on-
chip page buffer and will be written into the memory
after the master has transmitted a Stop condition. Upon
receipt of each word, the four lower order Address
Pointer bits are internally incremented by one. The
higher order four bits of the array address, as well as
the bank selection, remain constant. If the master
should transmit more than 16 bytes prior to generating
the Stop condition, the address counter will roll over
and the previously received data will be overwritten. As
with the byte write operation, once the Stop condition is
received, an internal write cycle will begin (Figure 6-2).
If an attempt is made to write to a software write-pro-
tected portion of the array, the 34AA04 will not
acknowledge the data byte, no data will be written, and
the device will immediately accept a new command.
TABLE 6-1:
DEVICE RESPONSE WHEN WRITING DATA
FIGURE 6-1:
BYTE WRITE
Note:
It is recommended to perform a Set Bank
Address command before initiating a
Write command to ensure the desired
bank is selected.
Note:
When doing a write of less than 16 bytes,
the data in the rest of the page is
refreshed along with the data bytes being
written. This will force the entire page to
endure a write cycle. For this reason,
endurance is specified per page.
Note:
Page write operations are limited to
writing bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start at addresses that are integer multi-
ples of the page buffer size (or ‘page size’)
and end at addresses that are integer mul-
tiples of [page size – 1]. If a Page Write
command attempts to write across a phys-
ical page boundary, the result is that the
data wraps around to the beginning of the
current page (overwriting data previously
stored there), instead of being written to
the next page, as might be expected. It is,
therefore, necessary for the application
software to prevent page write operations
that would attempt to cross a page
boundary.
Status
Command
ACK
Address
ACK
Data Byte
ACK
Write Cycle
Protected with SWPn
Page or Byte Write in
Protected Block
ACK
Address
ACK
Data
NoACK
No
Not Protected
Page or Byte Write
ACK
Address
ACK
Data
ACK
Yes
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Array
Address
Data
A
C
K
A
C
K
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com