Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC16B Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC16B_16 Datasheet HTML 9Page - Microchip Technology 24LC16B_16 Datasheet HTML 10Page - Microchip Technology 24LC16B_16 Datasheet HTML 11Page - Microchip Technology 24LC16B_16 Datasheet HTML 12Page - Microchip Technology 24LC16B_16 Datasheet HTML 13Page - Microchip Technology 24LC16B_16 Datasheet HTML 14Page - Microchip Technology 24LC16B_16 Datasheet HTML 15Page - Microchip Technology 24LC16B_16 Datasheet HTML 16Page - Microchip Technology 24LC16B_16 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2009-2016 Microchip Technology Inc.
DS20002213B-page 13
24LC16B
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example:
24LC16BM
SN
1606
13F
3
e
5-Lead SOT-23
Example:
AADN6
061L7
Part Number
1st Line Marking Codes
SOIC
SOT-23
24LC16B
24LC16BT
AADNY
XXXXXXXT
XXXXYYWW
NNN
Legend: XX...X
Part number or part number code
T
Temperature (M)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com