Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702MA/NOPB
Description  LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6702MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6702MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
100M
200M
300M
400M
500M
-7
-6
-5
-4
-3
-2
-1
0
1
Frequency (Hz)
GAIN
PHASE
50 :
1 k:
100 :
-250
-200
-150
-100
-50
0
50
100
150
50 :
0
2
4
6
8
10
14
Time (ns)
-1.5
-1
-0.5
0
0.5
1
1.5
12
AV = -2
AV = +2
0
200M
400M
600M
800M
1G
-7
-6
-5
-4
-3
-2
-1
0
1
Frequency (Hz)
GAIN
PHASE
1 k:
100 :
100 :
-250
-200
-150
-100
-50
0
50
100
150
50 :
1 k:
50 :
10M
100M
1G
10G
Frequency (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-216
-162
-108
-54
0
GAIN
PHASE
1M
10M
100M
1G
Frequency (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
AV = +1
AV = +2
AV = +10
AV = +4
GAIN
PHASE
AV = +2
AV = +4
AV = +1
-250
-200
-150
-100
-50
0
50
100
150
1M
10M
100M
1G
Frequency (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -1
AV = -10
AV = -4
AV = -2
PHASE
GAIN
7
LMH6702
www.ti.com
SNOSA03H – NOVEMBER 2002 – REVISED MAY 2016
Product Folder Links: LMH6702
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
TA = 25°C, VS = ±5 V, RL = 100 Ω, Rf = 237 Ω (unless otherwise noted)
V0 = 2 Vpp
RL = 100 Ω
RF = 237 Ω
Figure 1. Non-Inverting Frequency Response
VOUT = 2 VPP
RF = 237 Ω
RL = 100 Ω
Figure 2. Inverting Frequency Response
VOUT = 0.5 VPP
AV = 2
RF = 232 Ω
Figure 3. Small Signal Bandwidth
AV = 2
VO = 2 VPP
RF = 237 Ω
Figure 4. Frequency Response for Various RLs, AV = 2
AV = 4
VO = 2 VPP
RF = 237 Ω
Figure 5. Frequency Response for Various RLs, AV = 4
VO = 2 VPP
RL = 100 Ω
Figure 6. Step Response, 2 VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com