Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23A640T-E/P Datasheet(PDF) 21 Page - Microchip Technology

Part # 23A640T-E/P
Description  64K SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23A640T-E/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button 23A640T-E/P Datasheet HTML 17Page - Microchip Technology 23A640T-E/P Datasheet HTML 18Page - Microchip Technology 23A640T-E/P Datasheet HTML 19Page - Microchip Technology 23A640T-E/P Datasheet HTML 20Page - Microchip Technology 23A640T-E/P Datasheet HTML 21Page - Microchip Technology 23A640T-E/P Datasheet HTML 22Page - Microchip Technology 23A640T-E/P Datasheet HTML 23Page - Microchip Technology 23A640T-E/P Datasheet HTML 24Page - Microchip Technology 23A640T-E/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2008-2011 Microchip Technology Inc.
DS22126E-page 21
23A640/23K640
APPENDIX A: REVISION HISTORY
Revision A (12/2008)
Original Release.
Revision B (01/2009)
Revised Section 2.5: Added a paragraph.
Revision C (04/2009)
Removed
Preliminary
status;
Revised
Standby
Current; Revised Table 1-1, Param. No. D009; Revised
TSSOP Package marking information; Revised
Product ID.
Revision D (08/2010)
Revised Table 1-1, Param. No. D009; Revised
Package Drawings.
Revision E (10/2010)
Revised Parameter D003 in Table 1-1: DC Character-
istics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com