Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA044T-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24AA044T-E/P
Description  4K I2C??Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA044T-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24AA044T-E/P Datasheet HTML 6Page - Microchip Technology 24AA044T-E/P Datasheet HTML 7Page - Microchip Technology 24AA044T-E/P Datasheet HTML 8Page - Microchip Technology 24AA044T-E/P Datasheet HTML 9Page - Microchip Technology 24AA044T-E/P Datasheet HTML 10Page - Microchip Technology 24AA044T-E/P Datasheet HTML 11Page - Microchip Technology 24AA044T-E/P Datasheet HTML 12Page - Microchip Technology 24AA044T-E/P Datasheet HTML 13Page - Microchip Technology 24AA044T-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
24AA044
DS20005286A-page 10
 2014 Microchip Technology Inc.
8.0
READ OPERATIONS
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24AA044 contains an address counter that main-
tains the address of the last data byte accessed, inter-
nally incremented by one. Therefore, if the previous
read access was to address n, the next current address
read operation would access data from address n + 1.
Upon receipt of the slave address with the R/W bit set to
‘1’, the 24AA044 issues an acknowledge and transmits
the 8-bit data value. The master will not acknowledge
the transfer, but does generate a Stop condition and the
24AA044 discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the array address must first
be set. This is accomplished by sending the array
address to the 24AA044 as part of a write operation.
Once the array address is sent, the master generates a
Start condition following the acknowledge. This termi-
nates the write operation, but not before the internal
Address Pointer is set. The master then issues the con-
trol byte again, but with the R/W bit set to a ‘1’. The
24AA044 will then issue an acknowledge and transmits
the 8-bit data value. The master will not acknowledge
the transfer but does generate a Stop condition and the
24AA044 discontinues transmission (Figure 8-2). After
this command, the internal address counter will point to
the address location following the one that was just
read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24AA044 transmits
the first data byte, the master issues an acknowledge
(as opposed to a Stop condition in a random read). This
directs the 24AA044 to transmit the next sequentially-
addressed 8-bit value (Figure 8-3).
To provide sequential reads, the 24AA044 contains an
internal Address Pointer that is incremented by one
upon completion of each operation. This Address
Pointer allows the entire memory contents to be serially
read during one operation. The internal Address
Pointer will automatically roll over from address 1FFh
to address 000h.
FIGURE 8-1:
CURRENT ADDRESS
READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com