Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6660 Datasheet(PDF) 1 Page - Microchip Technology

Part # 2N6660
Description  N-Channel, Enhancement-Mode, Vertical DMOS FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N6660 Datasheet(HTML) 1 Page - Microchip Technology

  2N6660 Datasheet HTML 1Page - Microchip Technology 2N6660 Datasheet HTML 2Page - Microchip Technology 2N6660 Datasheet HTML 3Page - Microchip Technology 2N6660 Datasheet HTML 4Page - Microchip Technology 2N6660 Datasheet HTML 5Page - Microchip Technology 2N6660 Datasheet HTML 6Page - Microchip Technology 2N6660 Datasheet HTML 7Page - Microchip Technology 2N6660 Datasheet HTML 8Page - Microchip Technology 2N6660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2016 Microchip Technology Inc.
DS20005509A-page 1
2N6660
Features
• Free from secondary breakdown
• Low power drive requirement
• Ease of paralleling
• Low CISS and fast switching speeds
• Excellent thermal stability
• Integral source-drain diode
• High input impedance and high gain
Applications
• Motor controls
•Converters
• Amplifiers
• Switches
• Power supply circuits
• Drivers: relays, hammers, solenoids, lamps,
memories, displays, bipolar transistors, etc.
Description
2N6660 is an enhancement-mode (normally-off) tran-
sistor that utilizes a vertical DMOS structure and a well-
proven silicon-gate manufacturing process. This com-
bination produces a device with the power-handling
capabilities of bipolar transistors, and the high input
impedance and positive temperature coefficient inher-
ent in MOS devices. Characteristic of all MOS struc-
tures, this device is free from thermal runaway and
thermally-induced secondary breakdown.
Vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very-
low threshold voltage, high breakdown voltage, high-
input impedance, low-input capacitance, and fast
switching speeds are desired.
Package Types
TO-39
See Table 2-1 for pin information
Case: Drain
GATE
SOURCE
DRAIN
N-Channel, Enhancement-Mode, Vertical DMOS FET


Similar Part No. - 2N6660

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
2N6660 SUTEX-2N6660 Datasheet
21Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Motorola, Inc
2N6660 MOTOROLA-2N6660 Datasheet
441Kb / 3P
TMOS SWITCHING FET TRANSISTORS
logo
Supertex, Inc
2N6660 SUTEX-2N6660 Datasheet
395Kb / 3P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N6660 VISHAY-2N6660 Datasheet
130Kb / 6P
N-Channel 60 V (D-S) MOSFET
01-Aug-11
logo
Seme LAB
2N6660 SEME-LAB-2N6660 Datasheet
93Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 2N6660

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com