Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23K256-I/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 23K256-I/P
Description  256K SPI Bus Low-Power Serial SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256-I/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 23K256-I/P Datasheet HTML 7Page - Microchip Technology 23K256-I/P Datasheet HTML 8Page - Microchip Technology 23K256-I/P Datasheet HTML 9Page - Microchip Technology 23K256-I/P Datasheet HTML 10Page - Microchip Technology 23K256-I/P Datasheet HTML 11Page - Microchip Technology 23K256-I/P Datasheet HTML 12Page - Microchip Technology 23K256-I/P Datasheet HTML 13Page - Microchip Technology 23K256-I/P Datasheet HTML 14Page - Microchip Technology 23K256-I/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2008-2011 Microchip Technology Inc.
DS22100F-page 11
23A256/23K256
2.5
Read Status Register Instruction
(RDSR)
The Read Status Register instruction (RDSR) provides
access to the STATUS register. The STATUS register
may be read at any time. The STATUS register is
formatted as follows:
TABLE 2-2:
STATUS REGISTER
The mode bits indicate the operating mode of the
SRAM. The possible modes of operation are:
0 0 = Byte mode (default operation)
1 0 = Page mode
0 1 = Sequential mode
1 1 = Reserved
Write and read commands are shown in Figure 2-7 and
Figure 2-8.
The HOLD bit enables the Hold pin functionality. It must
be set to a ‘0’ before HOLD pin is brought low for HOLD
function to work properly. Setting HOLD to ‘1’ disables
feature.
Bits 1 through 5 are reserved and should always be set
to ‘0’.
See Figure 2-7 for the RDSR timing sequence.
FIGURE 2-7:
READ STATUS REGISTER TIMING SEQUENCE (RDSR)
76
5
4
3
2
1
0
W/R
W/R
W/R
MODE MODE
00
0
0
0
HOLD
W/R = writable/readable.
SO
SI
CS
9
1011
12131415
11
0
0
0
0
00
76
5
4
2
1
0
Instruction
Data from STATUS Register
High-Impedance
SCK
0
2
34
56
7
18
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com