| Electronic Components Datasheet Search |
|
24LC1026E/SN Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC1026E/SN Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 30 page ![]() 2011-2015 Microchip Technology Inc. DS20002270E-page 27 24AA1026/24LC1026/24FC1026 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Device: 24AA1026 = 1024K Bit 1.7V I2C CMOS Serial EEPROM 24AA1026T = 1024K Bit 1.7V I2C CMOS Serial EEPROM (Tape and Reel) 24LC1026 = 1024K Bit 2.5V I2C CMOS Serial EEPROM 24LC1026T= 1024K Bit 2.5V I2C CMOS Serial EEPROM (Tape and Reel) 24FC1026 = 1024K Bit 1.8V I2C CMOS Serial EEPROM 24FC1026T= 1024K Bit 1.8V I2C CMOS Serial EEPROM (Tape and Reel) Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I = -40°C to +85°C E = -40°C to +125°C Package: P = Plastic DIP (300 mil Body), 8-lead SM = Plastic SOIJ (5.28 mm Body), 8-lead SN = Plastic SOIC (3.90 mm Body), 8-lead Examples: a) 24AA1026-I/P: Industrial Temperature, 1.7V, PDIP package. b) 24AA1026-I/SN: Industrial Temperature, 1.7V, SOIC package. c) 24AA1026T-I/SN: Tape and Reel, Industrial Temperature,1.7V, SOIC package. d) 24AA1026T-I/SM: Tape and Reel, Industrial Temperature, 1.7V, SOIJ package. e) 24FC1026-I/SN: Industrial Temperature, 1.8V, SOIC package. f) 24FC1026T-I/SN: Tape and Reel, Industrial Temperature, 1.8V, SOIC package. g) 24LC1026-I/P: Industrial Temperature, 2.5V, PDIP package. h) 24LC1026T-I/SM: Tape and Reel, Industrial Temperature, 2.5V, SOIJ package. i) 24LC1026-E/SM: Extended temperature, 2.5V, SOIJ package PART NO. X /XX Package Temperature Range Device [X](1) Tape and Reel Option Note1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering pur- poses and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |