Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2210 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 15Page - NXP Semiconductors LPC2210 Datasheet HTML 16Page - NXP Semiconductors LPC2210 Datasheet HTML 17Page - NXP Semiconductors LPC2210 Datasheet HTML 18Page - NXP Semiconductors LPC2210 Datasheet HTML 19Page - NXP Semiconductors LPC2210 Datasheet HTML 20Page - NXP Semiconductors LPC2210 Datasheet HTML 21Page - NXP Semiconductors LPC2210 Datasheet HTML 22Page - NXP Semiconductors LPC2210 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Philips Semiconductors
LPC2210
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 09 February 2004
19 of 39
9397 750 12872
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.9 External memory controller
The external Static Memory Controller is a module which provides an interface
between the system bus and external (off-chip) memory devices. It provides support
for up to four independently configurable memory banks (16 MBytes each with byte
lane enable control) simultaneously. Each memory banks is capable of supporting
SRAM, ROM, Flash EPROM, Burst ROM memory, or some external I/O devices.
Each memory bank may be 8, 16, or 32 bits wide.
6.10 General purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by
the GPIO registers. Pins may be dynamically configured as inputs or outputs.
Separate registers allow setting or clearing any number of outputs simultaneously.
The value of the output register may be read back, as well as the current state of the
port pins.
6.10.1
Features
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
19:18
Reserved.
-
20
If bits 5:4 are not 10, controls the use of pin P2.29:28: 0 enables P2.29:28, 1 is
reserved
0
21
If bits 5:4 are not 10, controls the use of pin P2.30: 0 enables P2.30, 1 enables
AIN4.
1
22
If bits 5:4 are not 10, controls the use of pin P2.31: 0 enables P2.31, 1 enables
AIN5.
1
23
Controls whether P3.0/A0 is a port pin (0) or an address line (1).
1 if BOOT1:0=00
at RESET=0,
0 otherwise
24
Controls whether P3.1/A1 is a port pin (0) or an address line (1).
BOOT1 during
Reset
27:25
Controls the number of pins among P3.23/A23/XCLK and P3.22:2/A2.22:2 that
are address lines:
000 if
BOOT1:0=11 at
Reset, 111
otherwise
000 = None
100 = A11:2 are address lines.
001 = A3:2 are address
lines.
101 = A15:2 are address lines.
010 = A5:2 are address
lines.
110 = A19:2 are address lines.
011 = A7:2 are address
lines.
111 = A23:2 are address lines.
31:28
Reserved.
Table 8:
Pin function select register 2 (PINSEL2 - 0xE002C014)…continued
PINSEL2 bits
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com