Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA08HT-I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA08HT-I/P
Description  8K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08HT-I/P Datasheet(HTML) 1 Page - Microchip Technology

  24AA08HT-I/P Datasheet HTML 1Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 2Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 3Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 4Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 5Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 6Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 7Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 8Page - Microchip Technology 24AA08HT-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2008-2013 Microchip Technology Inc.
DS20002084B-page 1
24AA08H/24LC08BH
Device Selection Table
Features:
• Single Supply with Operation Down to 1.7V for
24AA08H Devices, 2.5V for 24LC08BH Devices
• Low-Power CMOS Technology:
- Read current 1 mA, max.
- Standby current 1
A, max.
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect for Half-Array (200h-3FFh)
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming available
• Packages include 8-lead PDIP, SOIC, TSSOP,
TDFN, MSOP and 5-lead SOT-23
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA08H/24LC08BH
(24XX08H*) is an 8 Kbit Electrically Erasable PROM.
The device is organized as four blocks of 256 x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.7V, with standby
and active currents of only 1
A and 1 mA,
respectively. The 24XX08H also has a page write
capability for up to 16 bytes of data. The 24XX08H is
available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP, 2x3 TDFN and MSOP packages, and
is also available in the 5-lead SOT-23 package. All
packages are RoHS compliant.
Block Diagram
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA08H
1.7-5.5
400 kHz(1)
I
24LC08BH
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
SOT-23-5
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note:
Pins A0, A1 and A2 are not used by the 24XX08. (No
internal connections).
8
7
6
5
1
2
3
4
8K I2C™ Serial EEPROM with Half-Array Write-Protect
*24XX08H is used in this document as a generic part
number for the 24AA08H/24LC08BH devices.


Similar Part No. - 24AA08HT-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08HT-I/P MICROCHIP-24AA08HT-I/P Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results

Similar Description - 24AA08HT-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com