Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR664DNP-220L Datasheet(PDF) 4 Page - Sumida Corporation

Part # RCR664DNP-220L
Description  PIN Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR664DNP-220L Datasheet(HTML) 4 Page - Sumida Corporation

  RCR664DNP-220L Datasheet HTML 1Page - Sumida Corporation RCR664DNP-220L Datasheet HTML 2Page - Sumida Corporation RCR664DNP-220L Datasheet HTML 3Page - Sumida Corporation RCR664DNP-220L Datasheet HTML 4Page - Sumida Corporation RCR664DNP-220L Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCR-664D
0
50
100
150
200
250
300
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.3
0.6
0.9
1.2
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. RCR664DNP-270L
△T (℃)
L (
μH)
14. RCR664DNP-330L
△T (℃)
L (
μH)
15. RCR664DNP-390L
L (
μH)
DC (A)
17. RCR664DNP-560K
△T (℃)
L (
μH)
18. RCR664DNP-680K
19. RCR664DNP-820K
△T (℃)
L (
μH)
20. RCR664DNP-101K
△T (℃)
L (
μH)
DC (A)
16. RCR664DNP-470L
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
21. RCR664DNP-121K
△T (℃)
L (
μH)
DC (A)
DC (A)
L (20
℃)
△T
L (100
℃)
22. RCR664DNP-151K
△T (℃)
L (
μH)
DC (A)
23. RCR664DNP-181K
△T (℃)
L (
μH)
DC (A)
24. RCR664DNP-221K
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com