Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA08HT-I/ST Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA08HT-I/ST
Description  8K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08HT-I/ST Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA08HT-I/ST Datasheet HTML 2Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 3Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 4Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 5Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 6Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 7Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 8Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 9Page - Microchip Technology 24AA08HT-I/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
24AA08H/24LC08BH
DS20002084B-page 6
 2008-2013 Microchip Technology Inc.
3.6
Device Addressing
A control byte is the first byte received following the
Start condition from the master device (Figure 3-2).
The control byte consists of a four-bit control code. For
the 24XX08H, this is set as ‘
1010’ binary for read and
write operations. The next three bits of the control byte
are the block-select bits (B2, B1, B0). B2 is a “don’t
care” for the 24XX08H. They are used by the master
device to select which of the four 256 word-blocks of
memory are to be accessed. These bits are in effect the
three Most Significant bits of the word address.
The last bit of the control byte defines the operation to
be performed. When set to ‘
1’ a read operation is
selected. When set to ‘
0’ a write operation is selected.
Following the Start condition, the 24XX08H monitors
the SDA bus, checking the device type identifier being
transmitted and, upon receiving a ‘
1010’ code, the
slave device outputs an Acknowledge signal on the
SDA line. Depending on the state of the R/W bit, the
24XX08H will select a read or write operation.
FIGURE 3-2:
CONTROL BYTE
ALLOCATION
Operation
Control
Code
Block Select
R/W
Read
1010
Block Address
1
Write
1010
Block Address
0
10
1
0
x
B1 B0 R/W ACK
Start Bit
Read/Write Bit
x = “don’t care”
S
Slave Address
Acknowledge Bit
Control Code
Block
Select
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com