Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA08HT-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA08HT-E/ST
Description  8K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08HT-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA08HT-E/ST Datasheet HTML 7Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 8Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 9Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 10Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 11Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 12Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 13Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 14Page - Microchip Technology 24AA08HT-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2008-2013 Microchip Technology Inc.
DS20002084B-page 11
24AA08H/24LC08BH
8.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
PIN FUNCTION TABLE
8.1
Serial Address/Data Input/Output
(SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. Since it is an open-
drain terminal, the SDA bus requires a pull-up resistor
to VCC (typical 10 k
 for 100 kHz, 2 k for 400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating Start and Stop conditions.
8.2
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
to and from the device.
8.3
Write-Protect (WP)
The WP pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 000-03FF).
If tied to VCC, write operations are inhibited, half of the
memory will be write-protected (200h-3FFh). Read
operations are not affected.
8.4
A0, A1, A2
The A0, A1 and A2 pins are not used by the 24XX08H.
They may be left floating or tied to either VSS or VCC.
Name
PDIP
SOIC
TSSOP
TDFN
MSOP
SOT-23
Description
A0
1
1
1
1
1
—
Not Connected
A1
2
2
2
2
2
—
Not Connected
A2
3
3
3
3
3
—
Not Connected
VSS
4
4
4
4
4
2
Ground
SDA
5
5
5
5
5
3
Serial Address/Data I/O
SCL
6
6
6
6
6
1
Serial Clock
WP
7
7
7
7
7
5
Write-Protect Input
VCC
8
8
8
8
8
4
+1.7V to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com