Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSFC64-110C Datasheet(PDF) 2 Page - Sumida Corporation

Part # CSFC64-110C
Description  It is a signal common mode choke coils, widely used in LAN & communication devices.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSFC64-110C Datasheet(HTML) 2 Page - Sumida Corporation

  CSFC64-110C Datasheet HTML 1Page - Sumida Corporation CSFC64-110C Datasheet HTML 2Page - Sumida Corporation CSFC64-110C Datasheet HTML 3Page - Sumida Corporation CSFC64-110C Datasheet HTML 4Page - Sumida Corporation CSFC64-110C Datasheet HTML 5Page - Sumida Corporation CSFC64-110C Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.sumida.com
2
Nov-2010
Adhesive
8.0 Max.
7.
0
Ma
x.
4.5 Max.
0.
0.
3
2.
54
2.
54
5.8 Ref.
1
6
4
3
6
4
1
3
6.86
2.
54
2.
54
1.
78
1.27
COMMON MODE CHOKE COILS
CSFC64
Features
1CT:1CT turn ratio Single CMC Coils.
Reduces radiated EMI emissions.
Suppress common mode noise for EMI reduction
Mechanical Dimension & Recommended General PCB Layout.
Unspecified Tolerance is 0.25/ [±0.01]
Unit: mm / [Inches]
Electrical Specifications @25
Part No.
Stamp
Inductance(uH)
(1-6) or (2-4)
100kHz,0.1V
Ls(nH)Typ.
1-6(3+4 short)
100kHz,0.1V
IR (mA)
1-2
(3+4short)
D.C.R
(m
Ω)Typ.
Hipot DC 2S
CSFC64-050C
050C
5
50
900
100
250
CSFC64-110C
110C
11
50
700
120
250
CSFC64-250C
250C
25
150
700
130
250
CSFC64-250S
250S
25
1500
700
130
250
CSFC64-510C
510C
51
200
600
160
250
CSFC64-510S
510S
51
2000
600
160
250
CSFC64-101C
101C
100
200
450
250
250
CSFC64-471C
471C
470
200
500
200
750
CSFC64-102C
102C
1000
250
450
250
750
CSFC64-222C
222C
2200
250
400
350
750
CSFC64-472C
472C
4700
300
200
850
750
Outline
It is a signal common mode choke coils, widely used in LAN & communication devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com