Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSFC64-101C Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSFC64-101C
Description  It is a signal common mode choke coils, widely used in LAN & communication devices.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSFC64-101C Datasheet(HTML) 1 Page - Sumida Corporation

  CSFC64-101C Datasheet HTML 1Page - Sumida Corporation CSFC64-101C Datasheet HTML 2Page - Sumida Corporation CSFC64-101C Datasheet HTML 3Page - Sumida Corporation CSFC64-101C Datasheet HTML 4Page - Sumida Corporation CSFC64-101C Datasheet HTML 5Page - Sumida Corporation CSFC64-101C Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sumida.com
1
Nov-2010
1.85
7.65
COMMON MODE CHOKE COILS
CPFC8D55/MS
Features
1CT:1CT turn ratio Single CMC Coils.
Reduces radiated EMI emissions.
Suppress common mode noise for EMI reduction
Mechanical Dimension & Recommended General PCB Layout.
Unspecified Tolerance is 0.25/ [±0.01]
Unit: mm / [Inches]
Electrical Specifications @25
℃
℃
℃
℃
INDUCTANCE
COMMON MODE ATTENUATION
D.C.R (1-2) ※ RATED
CURRENT
HI-POT
(1,4)-(2,3)
SPEC
100kHz
100kHz
1MHz
10MHz
(3+4)tie
0.5mA,2 Second
CPFC8D55-471 0.47mH (Typ) 10dB(Typ.)
20dB(Typ.)
24dB(Typ.)
0.13Ω Max.
1.6A Max.
AC 500Vrms
CPFC8D55-472 4.7mH (Typ)
28dB(Typ.)
40dB(Typ.)
35dB(Typ.)
1.0Ω Max.
0.4A Max.
AC 500Vrms
CPFC8D55-902 9.0mH (Typ)
35dB(Typ.)
45dB(Typ.)
35dB(Typ.)
1.6Ω Max.
0.3A Max.
AC 500Vrms
Outline
It is a signal common mode choke coils, widely used in LAN & communication devices.
CPF C8 D55 /MS
C MC
AT TEN UAT IO N
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.01
0.1
1
10
100
Freq.(MHz)
AT
T.
(d
B)
CPFC8D55-471
CPFC8D55-472
CPFC8D55-902


Similar Part No. - CSFC64-101C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSFC64-101C SUMIDA-CSFC64-101C Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
CSFC64-101C SUMIDA-CSFC64-101C Datasheet
253Kb / 3P
CSFC64
More results

Similar Description - CSFC64-101C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM2010 ETC1-TCM2010 Datasheet
42Kb / 1P
Common Mode Choke Coils for Signal Line SMD
logo
TDK Electronics
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
Common Mode Choke Coils for Signal Line
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
Common Mode Choke Coils
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
common mode choke coils
logo
PCA ELECTRONICS INC.
EPA1846 PCA-EPA1846 Datasheet
37Kb / 1P
LAN Common Mode Choke
logo
TDK Electronics
ZJYS51R5-2P TDK-ZJYS51R5-2P Datasheet
87Kb / 4P
Common Mode Choke Coils for Signal Line SMD
logo
Sumida Corporation
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
Common Mode Choke Coils
logo
RENCO ELECTRONICS, INC.
RL-7900-1 RENCO-RL-7900-1 Datasheet
2Mb / 3P
COMMON MODE CHOKE COILS FOR SIGNAL LINES
RL-7900-2 RENCO-RL-7900-2 Datasheet
1Mb / 6P
COMMON MODE CHOKE COILS FOR SIGNAL LINES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com