Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5A4 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 5A4
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

5A4 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  5A4 Datasheet HTML 1Page - Diode Semiconductor Korea 5A4 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case: JEDEC DO-27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maxim um recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maxim um RMS voltage
VRMS
140
280
420
560
700
V
Maxim um DC blocking voltage
VDC
200
400
600
800
1000
V
Maxim um average forward rectified current
9.5mm lead length,
@TA=75
Peak forward surge current
10ms single half-sine-wave
superimposed on rated load @TJ=125
Maxim um instantaneous forward voltage
@5.0A
VF
V
Maxim um reverse current
@TA=25
at rated DC blocking voltage
@TA=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
R JA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
15
DO - 27
70
100
5.0
100
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
2. Thermal resistance f rom junction to ambient.
10.0
A
- 55 ---- +150
- 55 ---- +150
100.0
80
A
300
5A1---5A10
1.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
A
Easily cleaned with Freon,Isopropanol
and similar solvents
5A1
5A2
5A4
5A6
5A8
5A10
PLASTIC SILICON RECTIFIERS
VOLTAGE RANGE: 100 --- 1000 V
CURRENT: 5.0 A
IF(AV)
IR
IFSM
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 5A4

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
5A4 BILIN-5A4 Datasheet
48Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
5A4 CHONGQING-5A4 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Rugao Dachang Electroni...
5A4 DACHANG-5A4 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 5.0 A
logo
Shenzhen Luguang Electr...
5A4 LUGUANG-5A4 Datasheet
190Kb / 2P
Plastic Silicon Rectifiers
logo
Rugao Dachang Electroni...
5A4 DACHANG-5A4 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier
More results

Similar Description - 5A4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S_07 Datasheet
89Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1A1 CTC-1A1 Datasheet
96Kb / 2P
PLASTIC SILICON RECTIFIERS
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
PLASTIC SILICON RECTIFIERS
CT4A01 CTC-CT4A01_15 Datasheet
63Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1A1 HY-1A1_18 Datasheet
178Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_18 Datasheet
183Kb / 3P
Plastic Silicon Rectifiers
1N4001 HY-1N4001_V01 Datasheet
760Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_V01 Datasheet
762Kb / 3P
Plastic Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com