Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8A1 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 8A1
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

8A1 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  8A1 Datasheet HTML 1Page - Diode Semiconductor Korea 8A1 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
0
0
50
S i n g l e P h a s e
H a l f W a v e 6 0 H Z
R e s i s t i v e o r
I n du c t i v e Loa d
2
4
6
8
100
75
125
175
150
0.01
0.02
0.06
0.04
20
0.4
TJ=25
Pulse Width=300uS
0.7
0.8
0.9
1.0
1.1
1.2
0.1
0.2
1.0
2
4
10
.2
10
.1
.4
1.0
2
100
200
4
10 20
40
100
f=1MHz
TJ=25
8A05---8A10
AMBIENT TEMPERATURE,
℃                                        INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1--FORWARDDERATINGCURVE
FIG.2--TYPICALFORWARDCHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3--MAXIMUMNON-REPETITIVEFORWARD
FIG.4--TYPICALJUNCTIONCAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
4
10
8
20
40
60 80 100
0
TJ=125
8.3ms Single Half
Sine-Wave
100
200
300
400
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com