Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP401APZP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 12Page - Texas Instruments TFP401APZP Datasheet HTML 13Page - Texas Instruments TFP401APZP Datasheet HTML 14Page - Texas Instruments TFP401APZP Datasheet HTML 15Page - Texas Instruments TFP401APZP Datasheet HTML 16Page - Texas Instruments TFP401APZP Datasheet HTML 17Page - Texas Instruments TFP401APZP Datasheet HTML 18Page - Texas Instruments TFP401APZP Datasheet HTML 19Page - Texas Instruments TFP401APZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
9.4.2.3 Time-Staggered Pixel Output
This option works only in conjunction with the 2-pixel/clock mode (PIXS = high). Setting STAG = low time-
staggers the even- and odd-pixel outputs so as to reduce the amount of instantaneous current surge from the
power supply. Depending on the PCB layout and design, this can help reduce the amount of system ground
bounce and power-supply noise. The time stagger is such that in 2-pixel/clock mode, the even pixel is delayed
from the latching edge of ODCK by 0.25 tcip. (tcip is the period of ODCK. The ODCK period is 2 tpix when in 2-
pixel/clock mode).
Depending on system constraints of output load, pixel rate, panel input architecture, and board cost, the
TFP401/401A drive-strength and staggered-pixel options allow flexibility to reduce system power-supply noise,
ground bounce, and EMI.
9.4.2.4 Power Management
The TFP401/401A offers several system power-management features.
The output driver power down (PDO = low) is an intermediate mode which offers several uses. During this mode,
all output drivers except SCDT and CTL1 are driven to a high-impedance state while the rest of the device
circuitry remains active.
The TFP401/401A power down (PD = low) is a complete power down in that it powers down the digital core, the
analog circuitry, and output drivers. All output drivers are placed into a Hi-Z state. All inputs are disabled except
for the PD input. The TFP401/401A does not respond to any digital or analog inputs until PD is pulled high.
Both PDO and PD have internal pullups, so if left unconnected they default the TFP401/401A to normal
operating modes.
9.4.2.5 Sync Detect
The TFP401/401A offers an output, SCDT, to indicate link activity. The TFP401/401A monitors activity on DE to
determine if the link is active. When 1 million (1e6) pixel clock periods pass without a transition on DE, the
TFP401/401A considers the link inactive, and SCDT is driven low. While SCDT is low, if two DE transitions are
detected within 1600 pixel clock periods, the link is considered active, and SCDT is pulled high.
SCDT can be used to signal a system power management circuit to initiate a system power down when the link
is considered inactive. The SCDT can also be tied directly to the TFP401/401A PDO input to power down the
output drivers when the link is inactive. It is not recommended to use SCDT to drive the PD input, because once
in complete power-down, the analog inputs are ignored and the SCDT state does not change. An external
system power-management circuit to drive PD is preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com