Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL201G Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RL201G
Description  GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RL201G Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RL201G Datasheet HTML 1Page - Diode Semiconductor Korea RL201G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6
.01
0.1
1.0
10
0.8
1.0
1.2
1.4 1.5
20
TJ=25
Pulse Width=300
s
0
40
100
1
10
100
20
TJ=125
8.3ms Single Half
sine=wave
80
60
0.1
1
10
100
10
100
TJ=25
20
1
4
0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
150
2.5
175
PERCENT OF RATED PEAK REVERSE VOLTAGE%
FIG.5 -- TYPICAL REVERSE CHARACTERISTICS
RL201G --- RL207G
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISRIC
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 --TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
TJ=100
0.1
1
0
20
40
60
80
100
120
140
10
    
TJ=25
.01
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com