Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP403 Datasheet(PDF) 7 Page - Texas Instruments

Part # TFP403
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP403_13 Datasheet HTML 3Page - Texas Instruments TFP403_13 Datasheet HTML 4Page - Texas Instruments TFP403_13 Datasheet HTML 5Page - Texas Instruments TFP403_13 Datasheet HTML 6Page - Texas Instruments TFP403_13 Datasheet HTML 7Page - Texas Instruments TFP403_13 Datasheet HTML 8Page - Texas Instruments TFP403_13 Datasheet HTML 9Page - Texas Instruments TFP403_13 Datasheet HTML 10Page - Texas Instruments TFP403_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
dc digital I/O specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level digital input voltage†
2
DVDD
V
VIL
Low level digital input voltage†
0
0.8
V
I
High level output drive current‡
ST = High,
VOH = 2.4 V
5
10
18
mA
IOH
High level output drive current‡
ST = Low,
VOH = 2.4 V
3
6
12
mA
I
Low level output drive current‡
ST = High,
VOL = 0.8 V
10
13
19
mA
IOL
Low level output drive current‡
ST = Low,
VOL = 0.8 V
5
7
11
mA
IOZ
Hi-Z output leakage current
PD = Low or PDO = Low
−1
1
μA
† Digital inputs are labeled DI in I/O column of Terminal Functions Table.
‡ Digital outputs are labeled DO in I/O column of Terminal Functions Table.
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID
Analog input differential voltage (see Note 3)
75
1200
mv
VIC
Analog input common mode voltage (see Note 3)
AVDD-300
AVDD-37
mv
VI(OC)
Open circuit analog input voltage
AVDD-10
AVDD+10
mv
IDD(2PIX)
Normal 2-pix/clock power supply current (see Note 4)
PIXEL RATE = 82.5 MHz
2-pix/clock
400
mA
I(PD)
Power down current (see Note 5)
PD = Low
10
mA
I(PDO)
Output drive power down current (see Note 5)
PDO = Low
45
mA
NOTES: 3. Specified as dc characteristic with no overshoot or undershoot.
4. Alternating 2-pixel black/2-pixel white pattern. ST = high, STAG = high, QE[23:0] and QO[23:0] CL = 10 pF.
5. Analog inputs are open circuit (transmitter is disconnected from TFP403).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com