Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THMC45 Datasheet(PDF) 12 Page - Texas Instruments

Part # THMC45
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC45 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THMC45 Datasheet HTML 7Page - Texas Instruments THMC45 Datasheet HTML 8Page - Texas Instruments THMC45 Datasheet HTML 9Page - Texas Instruments THMC45 Datasheet HTML 10Page - Texas Instruments THMC45 Datasheet HTML 11Page - Texas Instruments THMC45 Datasheet HTML 12Page - Texas Instruments THMC45 Datasheet HTML 13Page - Texas Instruments THMC45 Datasheet HTML 14Page - Texas Instruments THMC45 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
THMC45
VPWR
1
OUTA
2
OUTB
3
GND
4
8
PWM
7
H−
6
H+
5
TACH
PWM
INPUT
Hall
Sensor
D
B
C
A
R1
1.3 k
Ω
Bipolar Wound
Motor
C1
1
µF
10 V
+ 5V
GND
+
TACH
NOTES: A. Traces in bold are high current traces.
B. C1 should be placed as close as possible to terminals 1 and 4.
Figure 9. Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com