| Electronic Components Datasheet Search |
|
THS1041CPWR Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS1041CPWR Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 42 page ![]() THS1041 SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004 16 www.ti.com PRINCIPLES OF OPERATION sample-and-hold Differential input signal sources can be connected directly to the AIN+ and AIN− pins using either dc- or ac-coupling. For single-ended sources, the signal can be dc- or ac-coupled to one of AIN+ or AIN−, and a suitable reference voltage (usually the midscale voltage, see operating configuration examples) must be applied to the other pin. Note that connecting the signal to AIN− results in it being inverted during sampling. The sample and hold differential output voltage VP = VP+ − VP− is given by VP = (AIN+) − (AIN−) A clamp is available for dc restoration of ac-coupled single-ended inputs (see clamp operation). programmable gain amplifier VP is amplified by the PGA and fed to the ADC as a voltage VQ = VQ+ − VQ− where VQ = Gain × VP = Gain × [(AIN+) − (AIN−)] analog-to-digital converter VQ is digitized by the ADC, using the voltages at pins REFT and REFB to set the ADC zero-scale (code 0) and full-scale (code 1023) input voltages. VQ (ZS) = − (REFT − REFB) VQ (FS) = (REFT − REFB) Any inputs at AIN+ and AIN− that give VQ voltages less than VQ(ZS) or greater than VQ(FS) lie outside the ADC’s conversion range and attempts to convert such voltages are signalled by driving pin OVR high when the conversion result is output. VQ voltages less than VQ(ZS) digitize to give ADC output code 0, and VQ voltages greater than VQ(FS) give ADC output code 1023. complete system and system input range Combining the above equations to find the input voltages [(AIN+) − (AIN−)] that correspond to the limits of the ADC’s valid input range gives: (REFB * REFT) Gain v [(AIN)) * (AIN*)] v (REFT * REFB) Gain For both single-ended and differential inputs, the ADC can thus handle signals with a peak-to-peak input range [(AIN+) − (AIN−)] of: pk−pk input range + 2 (REFT * REFB) Gain [(AIN+) − (AIN−)] The next sections describe the options available to the user for setting the REFT and REFB voltages to obtain the desired input range and performance in their THS1041 applications. (1) (2) (3) (4) (5) (6) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |